Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 202 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 202 Page - Microchip Technology

Back Button 41594B Datasheet HTML 198Page - Microchip Technology 41594B Datasheet HTML 199Page - Microchip Technology 41594B Datasheet HTML 200Page - Microchip Technology 41594B Datasheet HTML 201Page - Microchip Technology 41594B Datasheet HTML 202Page - Microchip Technology 41594B Datasheet HTML 203Page - Microchip Technology 41594B Datasheet HTML 204Page - Microchip Technology 41594B Datasheet HTML 205Page - Microchip Technology 41594B Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 202
Preliminary
 2011-2012 Microchip Technology Inc.
24.4.5
PWM STEERING MODE
In Single Output mode, PWM steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCP1M<3:2> = 11 and P1M<1:0> = 00 of the
CCP1CON register), the user firmware can bring out
the same PWM signal to one or two output pins by
setting the appropriate STR1 bits of the PSTR1CON
register, as shown in Table 24-8.
While the PWM Steering mode is active, the
CCP1M<1:0> bits of the CCP1CON register determine
the polarity of the output pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 24.4.2
“Enhanced PWM Auto-shutdown mode”. An auto-
shutdown event will only affect pins that have PWM
outputs enabled.
FIGURE 24-14:
SIMPLIFIED STEERING
BLOCK DIAGRAM
24.4.5.1
Steering Synchronization
The STR1SYNC bit of the PSTR1CON register gives
the user two selections of when the steering event will
happen. When the STR1SYNC bit is ‘0’, the steering
event will happen at the end of the instruction that
writes to the PSTR1CON register. In this case, the
output signal at the output pins may be an incomplete
PWM waveform. This operation is useful when the user
firmware needs to immediately remove a PWM signal
from the pin.
When the STR1SYNC bit is ‘1’, the effective steering
update will happen at the beginning of the next PWM
period. In this case, steering on/off the PWM output will
always produce a complete PWM waveform.
Figures 24-15 and 24-16 illustrate the timing diagrams
of the PWM steering depending on the STR1SYNC
setting.
24.4.6
START-UP CONSIDERATIONS
When any PWM mode is used, the application
hardware must use the proper external pull-up and/or
pull-down resistors on the PWM output pins.
The CCP1M<1:0> bits of the CCP1CON register allow
the user to choose whether the PWM output signals are
active-high or active-low for each of the PWM output
pins (P1A and P1B). The PWM output polarities must
be selected before the PWM pin output drivers are
enabled. Changing the polarity configuration while the
PWM
pin
output
drivers
are
enable
is
not
recommended since it may result in damage to the
application circuits.
The P1A and P1B output latches may not be in the
proper states when the PWM module is initialized.
Enabling the PWM pin output drivers at the same time
as the Enhanced PWM modes may cause damage to
the application circuit. The Enhanced PWM modes
must be enabled in the proper Output mode and
complete a full PWM cycle before enabling the PWM
pin output drivers. The completion of a full PWM cycle
is indicated by the TMR2IF bit of the PIR1 register
being set as the second PWM period begins.
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
1
0
TRIS
P1A pin
PORT Data
P1A Signal
STR1A
1
0
TRIS
P1B pin
PORT Data
STR1B
Note 1: Port outputs are configured as shown when
the CCP1CON register bits P1M<1:0> = 00
and CCP1M<3:2> = 11.
2: Single PWM output requires setting at least
one of the STR1 bits.
CCP1M1
CCP1M0
Note:
When the microcontroller is released from
Reset, all of the I/O pins are in the high-
impedance state. The external circuits
must keep the power switch devices in the
Off state until the microcontroller drives
the I/O pins with the proper signal levels or
activates the PWM output(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com