Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407IE Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32F407IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IE Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32F407IE Datasheet HTML 172Page - STMicroelectronics STM32F407IE Datasheet HTML 173Page - STMicroelectronics STM32F407IE Datasheet HTML 174Page - STMicroelectronics STM32F407IE Datasheet HTML 175Page - STMicroelectronics STM32F407IE Datasheet HTML 176Page - STMicroelectronics STM32F407IE Datasheet HTML 177Page - STMicroelectronics STM32F407IE Datasheet HTML 178Page - STMicroelectronics STM32F407IE Datasheet HTML 179Page - STMicroelectronics STM32F407IE Datasheet HTML 180Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 178 / 180 page
background image
Revision history
STM32F405xx, STM32F407xx
178/180
Doc ID 022152 Rev 3
31-May-2012
3
Updated Figure 5: STM32F40x block diagram and Figure 7: Regulator
ON/internal reset OFF
Added SDIO, added notes related to FSMC and SPI/I2S in Table 2:
STM32F405xx and STM32F407xx: features and peripheral counts.
Starting from Silicon revision Z, USB OTG full-speed interface is now
available for all STM32F405xx devices.
Added full information on WLCSP90 package together with
corresponding part numbers.
Changed number of AHB buses to 3.
Modified available Flash memory sizes in Section 2.2.4: Embedded
Flash memory.
Modified number of maskable interrupt channels in Section 2.2.10:
Nested vectored interrupt controller (NVIC).
Updated case of Regulator ON/internal reset ON, Regulator
ON/internal reset OFF, and Regulator OFF/internal reset ON in
Section 2.2.16: Voltage regulator.
Updated standby mode description in Section 2.2.18: Low-power
modes.
Added Note 1 below Figure 14: STM32F40x UFBGA176 ballout.
Added Note 1 below Figure 15: STM32F40x WLCSP90 ballout.
Updated Table 6: STM32F40x pin and ball definitions.
Added Table 7: FSMC pin definition.
Removed OTG_HS_INTN alternate function in Table 6: STM32F40x
pin and ball definitions and Table 8: Alternate function mapping.
Removed I2S2_WS on PB6/AF5 in Table 8: Alternate function
mapping.
Replaced JTRST by NJTRST, removed ETH_RMII _TX_CLK, and
modified I2S3ext_SD on PC11 in Table 8: Alternate function mapping.
Table 8: Alternate function mapping.
Added Table 9: STM32F40x register boundary addresses.
Updated Figure 16: STM32F40x memory map.
Updated VDDA and VREF+ decoupling capacitor in Figure 19: Power
supply scheme.
Added power dissipation maximum value for WLCSP90 in Table 13:
General operating conditions.
Updated VPOR/PDR in Table 18: Embedded reset and power control
block characteristics.
Updated notes in Table 19: Typical and maximum current consumption
in Run mode, code with data processing running from Flash memory
(ART accelerator disabled), Table 20: Typical and maximum current
consumption in Run mode, code with data processing running from
Flash memory (ART accelerator enabled) or RAM, and Table 21:
Typical and maximum current consumption in Sleep mode.
Updated maximum current consumption at TA = 25 °n Table 22:
Typical and maximum current consumptions in Stop mode.
Table 97.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com