Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX3225GA Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # CX3225GA
Description  3.2횞2.5mm for Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225GA Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  CX3225GA Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Crystal Units
Surface Mount Type CX3225CA
3.2
×2.5mm for Automotive
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Small and low profile (3.2
×2.5×0.80mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
• TPMS
• High-Speed Automotive Network (Flex RayTM etc.)
How to Order
CX3225CA 16000 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
Std.
④ Frequency Stability
P
±50×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
SW
-40 to +125°C
±200×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000 pcs./ reel)
3.6
1.3
1.3
Recommended Land Pattern
(Unit: mm)
3.2
±0.1
1.2
CONNECTION
(TOP VIEW)
NC
HOT
HOT
NC
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
1.0
1.0
#4
#3
#1
#2
Dimensions
(Unit: mm)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
9843.750
CX3225CA09843D0PSWZ1
10000.000
CX3225CA10000D0PSWZ1
12000.000
CX3225CA12000D0PSWZ1
12800.000
CX3225CA12800D0PSWZ1
13560.000
CX3225CA13560D0PSWZ1
16000.000
CX3225CA16000D0PSWZ1
19200.000
CX3225CA19200D0PSWZ1
20000.000
CX3225CA20000D0PSWZ1
24000.000
CX3225CA24000D0PSWZ1
26000.000
CX3225CA26000D0PSWZ1
28636.360
CX3225CA28636D0PSWZ1
32000.000
CX3225CA32000D0PSWZ1
40000.000
CX3225CA40000D0PSWZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
9800 to 54000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
8
pF
Frequency Stability
f_tol
±50
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +125
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range Motional Series Resistance
9800 to 11999kHz
500
Ω max.
12000 to 13999kHz
300
Ω max.
14000 to 15999kHz
200
Ω max.
16000 to 19999kHz
100
Ω max.
20000 to 26999kHz
100
Ω max.
27000 to 54000kHz
100
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
9800 to 54000kHz
10
μW (200μW max.)



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com