Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103RCT6 Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F103RCT6
Description  Clock, reset and supply management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT6 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F103RCT6 Datasheet HTML 122Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 123Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 124Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 125Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 126Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 127Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 128Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 129Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 130Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 130 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Revision history
Doc ID 14611 Rev 8
129/130
19-Apr-2011
8
Updated package choice for 103Rx in Table 2
Updated footnotes below Table 7: Voltage characteristics on page 41
and Table 8: Current characteristics on page 41
Updated tw min in Table 21: High-speed external user clock
characteristics on page 55
Updated startup time in Table 24: LSE oscillator characteristics (fLSE =
32.768 kHz) on page 59
Updated note 2 in Table 51: I2C characteristics on page 93
Updated Figure 48: I2C bus AC waveforms and measurement circuit
Updated Figure 47: Recommended NRST pin protection
Updated Section 5.3.14: I/O port characteristics
Updated Table 31: Asynchronous non-multiplexed SRAM/PSRAM/NOR
read timings on page 64
Updated FSMC Figure 28 thru Figure 31
Updated Figure 41: NAND controller waveforms for common memory
write access and Table 40: Switching characteristics for NAND Flash
read and write cycles on page 82
Added Section 5.3.13: I/O current injection characteristics on page 85
Updated Figure 66 and added Table 69: Recommended PCB design
rules (0.5mm pitch BGA) on page 116
LQFP64 package mechanical data updated: see Figure 71: LQFP64 –
10 x 10 mm 64 pin low-profile quad flat package outline and Table 72:
LQFP64 – 10 x 10 mm 64 pin low-profile quad flat package mechanical
data.
Table 75.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com