Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N3904
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3904 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N3904 Datasheet HTML 1Page - Fairchild Semiconductor 2N3904 Datasheet HTML 2Page - Fairchild Semiconductor 2N3904 Datasheet HTML 3Page - Fairchild Semiconductor 2N3904 Datasheet HTML 4Page - Fairchild Semiconductor 2N3904 Datasheet HTML 5Page - Fairchild Semiconductor 2N3904 Datasheet HTML 6Page - Fairchild Semiconductor 2N3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage
IC = 1.0 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
6.0
V
IBL
Base Cutoff Current
VCE = 30 V, VEB = 3V
50
nA
ICEX
Collector Cutoff Current
VCE = 30 V, VEB = 3V
50
nA
OFF CHARACTERISTICS
ON CHARACTERISTICS*
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
NPN (Is=6.734f Xti=3 Eg=1.11 Vaf=74.03 Bf=416.4 Ne=1.259 Ise=6.734 Ikf=66.78m Xtb=1.5 Br=.7371 Nc=2
Isc=0 Ikr=0 Rc=1 Cjc=3.638p Mjc=.3085 Vjc=.75 Fc=.5 Cje=4.493p Mje=.2593 Vje=.75 Tr=239.5n Tf=301.2p
Itf=.4 Vtf=4 Xtf=2 Rb=10)
Spice Model
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 5.0 V, IE = 0,
f = 1.0 MHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0,
f = 1.0 MHz
8.0
pF
NF
Noise Figure
IC = 100
µA, VCE = 5.0 V,
RS =1.0k
Ω,f=10 Hz to 15.7kHz
5.0
dB
td
Delay Time
VCC = 3.0 V, VBE = 0.5 V,
35
ns
tr
Rise Time
IC = 10 mA, IB1 = 1.0 mA
35
ns
ts
Storage Time
VCC = 3.0 V, IC = 10mA
200
ns
tf
Fall Time
IB1 = IB2 = 1.0 mA
50
ns
hFE
DC Current Gain
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 50 mA, VCE = 1.0 V
IC = 100 mA, VCE = 1.0 V
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.2
0.3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.65
0.85
0.95
V
V
NPN General Purpose Amplifier
(continued)


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
NPN Silicon Transistor
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com