Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32F405VG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 107Page - STMicroelectronics STM32F405VG Datasheet HTML 108Page - STMicroelectronics STM32F405VG Datasheet HTML 109Page - STMicroelectronics STM32F405VG Datasheet HTML 110Page - STMicroelectronics STM32F405VG Datasheet HTML 111Page - STMicroelectronics STM32F405VG Datasheet HTML 112Page - STMicroelectronics STM32F405VG Datasheet HTML 113Page - STMicroelectronics STM32F405VG Datasheet HTML 114Page - STMicroelectronics STM32F405VG Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 167 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 2
111/167
Table 53.
I2S characteristics(1)
1.
TBD stands for “to be defined”.
Symbol
Parameter
Conditions
Min
Max
Unit
fCK
1/tc(CK)
I2S clock frequency
Master
TBD
TBD
MHz
Slave
0
TBD
tr(CK)
tf(CK)
I2S clock rise and fall time
capacitive load
CL = 50 pF
-
TBD
ns
tv(WS)
(2)
2.
Based on design simulation and/or characterization results, not tested in production.
WS valid time
Master
TBD
-
th(WS)
(2)
WS hold time
Master
TBD
-
tsu(WS)
(2)
WS setup time
Slave
TBD
-
th(WS)
(2)
WS hold time
Slave
TBD
-
tw(CKH)
(2)
tw(CKL)
(2)
CK high and low time
Master fPCLK= TBD,
presc = TBD
TBD
-
tsu(SD_MR)
(2)
tsu(SD_SR)
(2)
Data input setup time
Master receiver
Slave receiver
TBD
TBD
-
th(SD_MR)
(2)(3)
th(SD_SR)
(2)(3)
3.
Depends on fPCLK. For example, if fPCLK=8 MHz, then TPCLK = 1/fPLCLK =125 ns.
Data input hold time
Master receiver
Slave receiver
TBD
TBD
-
th(SD_MR)
(2)
th(SD_SR)
(2)
Data input hold time
Master fPCLK = TBD
Slave fPCLK = TBD
TBD
TBD
-
tv(SD_ST)
(2)(3)
Data output valid time
Slave transmitter
(after enable edge)
-
TBD
fPCLK = TBD
-
TBD
th(SD_ST)
(2)
Data output hold time
Slave transmitter
(after enable edge)
TBD
-
tv(SD_MT)
(2)(3)
Data output valid time
Master transmitter
(after enable edge)
-
TBD
fPCLK = TBD
TBD
TBD
th(SD_MT)
(2)
Data output hold time
Master transmitter
(after enable edge)
TBD
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com