Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103xC Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F103xC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103xC Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F103xC Datasheet HTML 111Page - STMicroelectronics STM32F103xC Datasheet HTML 112Page - STMicroelectronics STM32F103xC Datasheet HTML 113Page - STMicroelectronics STM32F103xC Datasheet HTML 114Page - STMicroelectronics STM32F103xC Datasheet HTML 115Page - STMicroelectronics STM32F103xC Datasheet HTML 116Page - STMicroelectronics STM32F103xC Datasheet HTML 117Page - STMicroelectronics STM32F103xC Datasheet HTML 118Page - STMicroelectronics STM32F103xC Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 130 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Package characteristics
Doc ID 14611 Rev 8
115/130
Figure 65.
WLCSP, 64-ball 4.466 × 4.395 mm, 0.500 mm pitch, wafer-level chip-scale
package outline
1.
Drawing is not to scale.
2.
Primary datum Z and seating plane are defined by the spherical crowns of the ball.
Table 68.
WLCSP, 64-ball 4.466 × 4.395 mm, 0.500 mm pitch, wafer-level chip-scale
package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.535
0.585
0.635
0.0211
0.0230
0.0250
A1
0.205
0.230
0.255
0.0081
0.0091
0.0100
A2
0.330
0.355
0.380
0.0130
0.0140
0.0150
b(2)
2.
Dimension is measured at the maximum ball diameter parallel to primary datum Z.
0.290
0.320
0.350
0.0114
0.0126
0.0138
e
0.500
0.0197
e1
3.500
0.1378
F
0.447
0.0176
G
0.483
0.0190
D
4.446
4.466
4.486
0.1750
0.1758
0.1766
E
4.375
4.395
4.415
0.1722
0.1730
0.1738
H
0.250
0.0098
L
0.200
0.0079
eee
0.05
0.0020
aaa
0.10
0.0039
Number of balls
64
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
Detail A
Side view
Ball side
Wafer back side
Marking area
A1 ball corner
A
A2
A1 ball corner
Notch
Ball
A1
b
Seating plane (see note 2)
Detail A rotated 90 ˚
CR_ME
e
e
e1
e1
F
G
D
E
aaa
eee
H
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com