Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F405RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 125Page - STMicroelectronics STM32F405RG Datasheet HTML 126Page - STMicroelectronics STM32F405RG Datasheet HTML 127Page - STMicroelectronics STM32F405RG Datasheet HTML 128Page - STMicroelectronics STM32F405RG Datasheet HTML 129Page - STMicroelectronics STM32F405RG Datasheet HTML 130Page - STMicroelectronics STM32F405RG Datasheet HTML 131Page - STMicroelectronics STM32F405RG Datasheet HTML 132Page - STMicroelectronics STM32F405RG Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 185 page
background image
DocID022152 Rev 4
129/185
STM32F405xx, STM32F407xx
Electrical characteristics
CAN (controller area network) interface
Refer to Section 5.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (CANTX and CANRX).
5.3.20
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 67 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 14.
Table 67. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
1.8(1)
-3.6
V
VREF+
Positive reference voltage
1.8(1)(2)(3)
-VDDA
V
fADC
ADC clock frequency
VDDA = 1.8(1)(3) to
2.4 V
0.6
15
18
MHz
VDDA = 2.4 to 3.6 V(3)
0.6
30
36
MHz
fTRIG(4) External trigger frequency
fADC = 30 MHz,
12-bit resolution
-
-
1764
kHz
-
-
17
1/fADC
VAIN
Conversion voltage range(5)
0 (VSSA or VREF-
tied to ground)
-VREF+
V
RAIN(4) External input impedance
See Equation 1 for
details
--
50
κΩ
RADC(4)(6) Sampling switch resistance
-
-
6
κΩ
CADC(4)
Internal sample and hold
capacitor
-4
-
pF
tlat(4)
Injection trigger conversion
latency
fADC = 30 MHz
-
-
0.100
µs
--
3(7)
1/fADC
tlatr(4)
Regular trigger conversion
latency
fADC = 30 MHz
-
-
0.067
µs
--
2(7)
1/fADC
tS(4)
Sampling time
fADC = 30 MHz
0.100
-
16
µs
3-
480
1/fADC
tSTAB(4) Power-up time
-
2
3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com