Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE22 Datasheet(PDF) 331 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 331 Page - Microchip Technology

Back Button SE22 Datasheet HTML 327Page - Microchip Technology SE22 Datasheet HTML 328Page - Microchip Technology SE22 Datasheet HTML 329Page - Microchip Technology SE22 Datasheet HTML 330Page - Microchip Technology SE22 Datasheet HTML 331Page - Microchip Technology SE22 Datasheet HTML 332Page - Microchip Technology SE22 Datasheet HTML 333Page - Microchip Technology SE22 Datasheet HTML 334Page - Microchip Technology SE22 Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 331
PIC16(L)F1946/47
26.2.4.2
Timer1
To select Timer1 as the timer resource for the CPS
module, set the TMR1CS<1:0> of the T1CON register
to ‘11’. When Timer1 is chosen as the timer resource,
the capacitive sensing oscillator will be the clock
source for Timer1. Because the Timer1 module has a
gate control, developing a time base for the frequency
measurement can be simplified by using the Timer0
overflow flag.
It is recommend that the Timer0 overflow flag, in
conjunction with the Toggle mode of the Timer1 Gate, be
used to develop the fixed time base required by the soft-
ware portion of the CPS module. Refer to Section 21.11
“Register Definitions: Timer1 Control” for additional
information.
TABLE 26-2:
TIMER1 ENABLE FUNCTION
26.2.5
SOFTWARE CONTROL
The software portion of the CPS module is required to
determine the change in frequency of the capacitive
sensing oscillator. This is accomplished by the
following:
• Setting a fixed time base to acquire counts on
Timer0 or Timer1.
• Establishing the nominal frequency for the
capacitive sensing oscillator.
• Establishing the reduced frequency for the capac-
itive sensing oscillator due to an additional capac-
itive load.
• Set the frequency threshold.
26.2.5.1
Nominal Frequency
(No Capacitive Load)
To determine the nominal frequency of the capacitive
sensing oscillator:
• Remove any extra capacitive load on the selected
CPSx pin.
• At the start of the fixed time base, clear the timer
resource.
• At the end of the fixed time base save the value in
the timer resource.
The value of the timer resource is the number of
oscillations of the capacitive sensing oscillator for the
given time base. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer divided by the period of the fixed time base.
26.2.5.2
Reduced Frequency (additional
capacitive load)
The extra capacitive load will cause the frequency of the
capacitive sensing oscillator to decrease. To determine
the reduced frequency of the capacitive sensing
oscillator:
• Add a typical capacitive load on the selected
CPSx pin.
• Use the same fixed time base as the nominal
frequency measurement.
• At the start of the fixed time base, clear the timer
resource.
• At the end of the fixed time base save the value in
the timer resource.
The value of the timer resource is the number of oscil-
lations of the capacitive sensing oscillator with an addi-
tional capacitive load. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer divided by the period of the fixed time base.
This frequency should be less than the value obtained
during the nominal frequency measurement.
26.2.5.3
Frequency Threshold
The frequency threshold should be placed midway
between the value of nominal frequency and the
reduced frequency of the capacitive sensing oscillator.
Refer to Application Note AN1103, “Software Handling
for Capacitive Sensing” (DS01103) for more detailed
information on the software required for CPS module.
TMR1ON
TMR1GE
Timer1 Operation
00
Off
01
Off
10
On
11
Count Enabled by input
Note:
For more information on general capacitive
sensing refer to Application Notes:
• AN1101, “Introduction to Capacitive
Sensing
” (DS01101)
• AN1102, “Layout and Physical
Design Guidelines for Capacitive
Sensing
” (DS01102)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com