Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE22 Datasheet(PDF) 405 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 405 Page - Microchip Technology

Back Button SE22 Datasheet HTML 401Page - Microchip Technology SE22 Datasheet HTML 402Page - Microchip Technology SE22 Datasheet HTML 403Page - Microchip Technology SE22 Datasheet HTML 404Page - Microchip Technology SE22 Datasheet HTML 405Page - Microchip Technology SE22 Datasheet HTML 406Page - Microchip Technology SE22 Datasheet HTML 407Page - Microchip Technology SE22 Datasheet HTML 408Page - Microchip Technology SE22 Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 405
PIC16(L)F1946/47
TABLE 30-2:
OSCILLATOR PARAMETERS
TABLE 30-3:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.7V TO 5.5V)
FIGURE 30-7:
CLKOUT AND I/O TIMING
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param
No.
Sym.
Characteristic
Freq.
Tolerance
Min.
Typ†
Max. Units
Conditions
OS08
HFOSC
Internal Calibrated HFINTOSC
Frequency(1)
2%
—
16.0
—
MHz 0°C
 TA  +60°C, VDD  2.5V
3%
—
16.0
—
MHz 60°C
 TA  +85°C, VDD  2.5V
5%
—
16.0
—
MHz -40°C
 TA  +125°C
OS08A MFOSC
Internal Calibrated MFINTOSC
Frequency(1)
2%
—
500
—
kHz
0°C
 TA  +60°C, VDD  2.5V
3%
—
500
—
kHz
60°C
 TA  +85°C, VDD  2.5V
5%
—
500
—
kHz
-40°C
 TA  +125°C
OS09
LFOSC
Internal LFINTOSC Frequency
—
—
31
—
kHz
-40°C
 TA  +125°C
OS10*
TIOSC ST HFINTOSC
Wake-up from Sleep Start-up Time
MFINTOSC
Wake-up from Sleep Start-up Time
——
3.2
8
s
—
—
24
35
s
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
F10
FOSC Oscillator Frequency Range
4
—
8
MHz
F11
FSYS
On-Chip VCO System Frequency
16
—
32
MHz
F12
TRC
PLL Start-up Time (Lock Time)
—
—
2
ms
F13*
CLK CLKOUT Stability (Jitter)
-0.25%
—
+0.25%
%
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
FOSC
CLKOUT
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
OS11
OS19
OS13
OS15
OS18, OS19
OS20
OS21
OS17
OS16
OS14
OS12
OS18
Old Value
New Value
Write
Fetch
Read
Execute
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com