Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE22 Datasheet(PDF) 419 Page - Microchip Technology

Part # SE22
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE22 Datasheet(HTML) 419 Page - Microchip Technology

Back Button SE22 Datasheet HTML 415Page - Microchip Technology SE22 Datasheet HTML 416Page - Microchip Technology SE22 Datasheet HTML 417Page - Microchip Technology SE22 Datasheet HTML 418Page - Microchip Technology SE22 Datasheet HTML 419Page - Microchip Technology SE22 Datasheet HTML 420Page - Microchip Technology SE22 Datasheet HTML 421Page - Microchip Technology SE22 Datasheet HTML 422Page - Microchip Technology SE22 Datasheet HTML 423Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 419
PIC16(L)F1946/47
TABLE 30-17: CAP SENSE OSCILLATOR SPECIFICATIONS
FIGURE 30-22:
CAP SENSE OSCILLATOR
Param.
No.
Symbol
Characteristic
Min.
Typ†
Max.
Units
Conditions
CS01*
ISRC
Current Source
High
—
-8
—
A
Medium
—
-1.5
—
A
Low
—
-0.3
—
A
CS02*
ISNK
Current Sink
High
—
7.5
—
A
Medium
—
1.5
—
A
Low
—
0.25
—
A
CS03*
VCTH
Cap Threshold
—
0.8
—
V
CS04*
VCTL
Cap Threshold
—
0.4
—
V
CS05*
VCHYST Cap Hysteresis
(VCTH-VCTL)
High
Medium
Low
—
—
—
525
375
300
—
—
—
mV
mV
mV
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
ISRC
VCTH
VCTL
ISNK
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com