Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-E/SO. Datasheet(PDF) 331 Page - Microchip Technology

Part # PIC16F883-E/SO.
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SO. Datasheet(HTML) 331 Page - Microchip Technology

Back Button PIC16F883-E/SO. Datasheet HTML 327Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 328Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 329Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 330Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 331Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 332Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 333Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 334Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 331
PIC16F882/883/884/886/887
Comparator Output ..................................................... 89
Enhanced Capture/Compare/PWM (ECCP) ............. 265
EUSART Synchronous Receive (Master/Slave) ....... 270
EUSART Synchronous Transmission
(Master/Slave) .................................................. 270
Fail-Safe Clock Monitor (FSCM) ................................. 76
Full-Bridge PWM Output ........................................... 141
Half-Bridge PWM Output .................................. 139, 148
I2C Bus Data ............................................................. 274
I2C Bus Start/Stop Bits.............................................. 273
I2C Master Mode First Start Bit Timing ..................... 200
I2C Master Mode Reception Timing.......................... 204
I2C Master Mode Transmission Timing..................... 203
I2C Module
Bus Collision
Transmit Timing ........................................ 207
INT Pin Interrupt........................................................ 226
Internal Oscillator Switch Timing................................. 72
Master Mode Transmit Clock Arbitration................... 206
PWM Auto-shutdown
Auto-restart Enabled......................................... 147
Firmware Restart .............................................. 147
PWM Direction Change ............................................ 142
PWM Direction Change at Near 100% Duty Cycle ... 143
PWM Output (Active-High)........................................ 137
PWM Output (Active-Low) ........................................ 138
Repeat Start Condition.............................................. 201
Reset, WDT, OST and Power-up Timer ................... 262
Send Break Character Sequence ............................. 174
Slave Synchronization .............................................. 190
SPI Master Mode (CKE = 1, SMP = 1) ..................... 271
SPI Mode Timing (Master Mode) SPI Mode
Master Mode Timing Diagram .......................... 189
SPI Mode Timing (Slave Mode with CKE = 0) .......... 191
SPI Mode Timing (Slave Mode with CKE = 1) .......... 191
SPI Slave Mode (CKE = 0) ....................................... 272
SPI Slave Mode (CKE = 1) ....................................... 272
Stop Condition Receive or Transmit ......................... 206
Synchronous Reception (Master Mode, SREN) ....... 178
Synchronous Transmission....................................... 176
Synchronous Transmission (Through TXEN) ........... 176
Time-out Sequence
Case 1 .............................................................. 220
Case 2 .............................................................. 220
Case 3 .............................................................. 220
Timer0 and Timer1 External Clock ........................... 264
Timer1 Incrementing Edge.......................................... 83
Two Speed Start-up .................................................... 74
Wake-up from Interrupt ............................................. 231
Timing Parameter Symbology........................................... 258
Timing Requirements
I2C Bus Data ............................................................. 275
I2C Bus Start/Stop Bits ............................................. 274
SPI Mode .................................................................. 273
TRISA ................................................................................. 41
TRISA Register ................................................................... 41
TRISB ................................................................................. 49
TRISB Register ................................................................... 50
TRISC ................................................................................. 55
TRISC Register................................................................... 55
TRISD ................................................................................. 59
TRISD Register................................................................... 59
TRISE ................................................................................. 61
TRISE Register ................................................................... 61
Two-Speed Clock Start-up Mode ........................................ 73
TXREG ............................................................................. 157
TXSTA Register................................................................ 164
BRGH Bit .................................................................. 167
U
Ultra Low-Power Wake-up................................ 18, 20, 42, 43
V
Voltage Reference (VR)
Specifications ........................................................... 266
Voltage Reference. See Comparator Voltage
Reference (CVREF)
Voltage References
Associated Registers................................................ 102
VP6 Stabilization ........................................................ 99
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 172
Wake-up Using Interrupts ................................................. 230
Watchdog Timer (WDT).................................................... 228
Associated Registers................................................ 229
Clock Source ............................................................ 228
Modes....................................................................... 228
Period ....................................................................... 228
Specifications ........................................................... 263
Waveform for Slave Mode General Call Address
Sequence ................................................................. 196
WCOL............................................................... 200, 202, 205
WCOL Status Flag............................................ 200, 202, 205
WDTCON Register ........................................................... 229
WPUB Register................................................................... 51
WWW Address ................................................................. 333
WWW, On-Line Support ..................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com