| Electronic Components Datasheet Search |
|
OMAP3530ECBBA Datasheet(PDF) 255 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBA Datasheet(HTML) 255 Page - Texas Instruments |
|
255 / 264 page ![]() 7 PACKAGE CHARACTERISTICS 7.1 Package Thermal Resistance 7.2 Device Support 7.2.1 Device and Development-Support Tool Nomenclature OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 7-1 provides the thermal resistance characteristics for the recommended package types used on the OMAP3530/25 Applications Processor. Table 7-1. OMAP3530/25 Thermal Resistance Characteristics(1) (2) Package Power (W)(3) RθJA(°C/W) RθJB(°C/W) RθJC(°C/W) (4) Board Type OMAP3530/25 0.92871 24.46 10.94 (5)2S2P(6) (CBB Pkg.) OMAP35 30/25 0.92871 21.89 6.23 (5) 2S2P(6) (CBC Pkg.) OMAP35 30/25 0.92871 23.69 8.1 2.31 2S2P(6) (CUS Pkg.) (1) RθJA (Theta-JA) = Thermal Resistance Junction-to-Ambient, °C/W (2) This table provides simulation data and may not represent actual use-case values. RθJB (Theta-JB) = Thermal Resistance Junction-to-Board, °C/W RθJC (Theta-JC) = Thermal Resistance Junction-to-Case, °C/W (3) These numbers are based on simulation results and don’t necessarily represent the wattage that the part will take in actual use. (4) It is recommended to dissipate the heat to the board instead of attempting to remove it from the top of the chip; therefore, top-side heat sinks should not be used for package. (5) Not applicable if the POP package has a memory package on top; no heat sink can be used. (6) The board types are defined by JEDEC (reference JEDEC standard JESD51-9, Test Board for Area Array Surface Mount Package Thermal Measurements). To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all OMAP processors and support tools. Each OMAP device has one of three prefixes: X, P, or null (no prefix). Texas Instruments recommends two of three possible prefix designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from engineering prototypes (TMDX) through fully qualified production devices/tools (TMDS). Device development evolutionary flow: X Experimental device that is not necessarily representative of the final device’s electrical specifications and may not use production assembly flow. (TMX definition) P Prototype device that is not necessarily the final silicon die and may not necessarily meet final electrical specifications. (TMP definition) null Production version of the silicon die that is fully qualified. (TMS definition) Support tool development evolutionary flow: TMDX Development support product that has not yet completed Texas Instruments internal qualification testing. TMDS Fully qualified development support product. TMX and TMP devices and TMDX development-support tools are shipped against the following disclaimer: “Developmental product is intended for internal evaluation purposes.” Production devices and TMDS development-support tools have been characterized fully, and the quality and reliability of the device have been demonstrated fully. TI’s standard warranty applies. Submit Documentation Feedback PACKAGE CHARACTERISTICS 255 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |