Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8536DS Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8536DS
Description  MPC8536E PowerQUICC III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536DS Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8536DS Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 126 page
background image
Electrical Characteristics
MPC8536E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 5
Freescale Semiconductor
103
2.21.4.2
Transmitter Compliance Eye Diagrams
The TX eye diagram in Figure 69 is specified using the passive compliance/test measurement load (see Figure 71) in place of
any real PCI Express interconnect + RX component.
There are two eye diagrams that must be met for the transmitter. Both eye diagrams must be aligned in time using the jitter
median to locate the center of the eye diagram. The different eye diagrams will differ in voltage depending whether it is a
transition bit or a de-emphasized bit. The exact reduced voltage level of the de-emphasized bit will always be relative to the
transition bit.
The eye diagram must be valid for any 250 consecutive UIs.
A recovered TX UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is created using all edges
of the 250 consecutive UI in the center of the 3500 UI used for calculating the TX UI.
NOTE
It is recommended that the recovered TX UI is calculated using all edges in the 3500
consecutive UI interval with a fit algorithm using a minimization merit function (that is,
least squares and median deviation fits).
Figure 69. Minimum Transmitter Timing and Voltage Output Compliance Specifications
VTX-DIFF = 0 mV
(D+ D– Crossing Point)
[De-Emphasized Bit]
0.07 UI = UI – 0.3 UI (JTX-TOTAL-MAX)
566 mV (3 dB ) >=
VTX-DIFFp-p-MIN >= 505 mV (4 dB )
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV
VRX-DIFF = 0 mV
(D+ D– Crossing Point)
[Transition Bit]
VTX-DIFFp-p-MIN = 800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com