Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 128 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 128 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 124Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 125Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 126Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 127Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 128Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 129Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 130Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 131Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 132Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 182 page
background image
Appendix B
Specifications
115
Dynamic DC Input Unit
3G2A5-ID212
Inputs
Outputs
Input Voltage
24 VDC +10%/–15%
Max. Switching
Capacity
0.1A, 24 VDC +10%/–15%
Input Impedance
2.2 k
Leakage Current
0.1 mA max.
Input Current
10 mA typical (at 24 VDC)
Residual Voltage
1.5 V max.
ON Voltage
10.2 VDC min.
ON Delay
0.2 ms max.
OFF Voltage
3.0 VDC max.
OFF Delay
0.3 ms max.
ON Delay
1.5 ms max.
Power for
24 VDC
10%
OFF Delay
1.5 ms max.
External Supply
General Specifications
Inter-
nal
Circuit
COM
COM
to
to
560
2.2 k
560
Inter-
nal
Circuit
2.2 k
(24 V)
DATA 0
DATA 7
STB 0
STB 7
24 V
(0 V)
Circuit Configuration
16
17
18
19 NC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
+
24 VDC
A
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
COM (24 V)
STB 0
STB 1
STB 2
STB 3
STB 4
STB 5
STB 6
STB 7
COM (0 V)
24 V
Terminal Connections
Refer to p 116 for connections.
No. of Inputs
64, dynamic
Internal Current
Consumption
300 mA, 5 VDC max.
Weight
450 grams max.
Dimensions
A-shape
Wiring Dynamic Inputs
When a large number of bits must be controlled, an ID212 DC Input Unit can simplify wiring by inputting status to up
to 64 bits through only 16 points. Using digital switches or a specially wired keyboard, the different combinations of
input points will determine which bits are ON. Two examples of connections using digital switches or a keyboard
are given.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com