Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 134 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 134 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 130Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 131Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 132Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 133Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 134Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 135Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 136Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 137Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 138Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 182 page
background image
Appendix B
Specifications
121
TTL Input Units
Item
C500-ID501CN
Input Voltage
5 VDC
10%
Input Impedance
1 k
Input Current
3.5 mA typical (at 24 VDC)
ON Voltage
3 VDC min.
OFF Voltage
1 VDC max.
ON Delay
1.5 ms max.
OFF Delay
1.5 ms max.
No. of Inputs
32 (8 inputs/common, 4 circuits)
Internal Current Consumption
200 mA, 5 VDC max.
Weight
450 grams max.
Circuit Configuration
Inter-
nal
Circuit
COM
COM
IN 00
to
IN 07
IN 15
1 k
3.3 k
1 k
3.3 k
IN 08
to
COM
COM
IN 00
to
IN 07
IN 15
IN 08
to
I
II
II
Terminal Connections
+
0
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
9
10
11
12
COM
NC
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
COM
A
B
+
+
+
5 VDC
5 VDC
NC
NC
NC
NC
NC
1 k
3.3
k
IN
COM
Use a sinking TTL buffer.
(TTL/LS-TTL/CMOS buffer)
Dimensions
E-shape, with no 4-terminal block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com