Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3G5A2-RPT01-E Datasheet(PDF) 146 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Datasheet(HTML) 146 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 142Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 143Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 144Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 145Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 146Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 147Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 148Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 149Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 150Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 182 page
background image
Appendix B
Specifications
133
Wiring Dynamic Outputs (3G2A5-OD211)
By using the OD211 DC Output Unit, a large number of outputs can be controlled through only 16 bits. Just like the
ID211 DC Input Unit, different combinations of bits can control different outputs. Using this type of Unit can simplify
wiring when many outputs must be controlled. Up to 64 outputs can be accessed.
Because the output data is positive logic, a terminal output goes high when the output bit is ON (1). A strobe output
is negative logic, so when the output bit is ON (1), the corresponding terminal goes low. Use positive logic output
devices for the load of this Unit. The strobe output is cyclic and automatically output.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
24 VDC
65 4 3
1
11
7
Display no.
8765
432
1
24 k
1 W
24 k
1 W
DATA 0
DATA 1
DATA 2
DATA 3
DATA 4
DATA 5
DATA 6
DATA 7
CON (0 V)
STB 0
STB 1
STB 2
STB 3
STB 4
STB 5
STB 6
STB 7
CON (0 V)
24 VDC
NC
The following table shows the combinations made possible when the display is wired as shown in the previous
figure. The value of word n depends on where the Unit.
Point Number
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
Data Number
07
06
05
04
03
02
01
00
07
06
05
04
03
02
01
00
Word n
Display no. 4
Display no. 3
Display no. 2
Display no. 1
0
1
0
0
0
0
1
1
0
0
1
0
0
0
0
1
STB 1
STB 0
Word n + 1
Display no. 8
Display no. 7
Display no. 6
Display no. 5
1
0
0
0
0
1
1
1
0
1
1
0
0
1
0
1
STB 3
STB 2
Note Because the DC Input Unit is operated on an extremely small current, make sure there is adequate distance
between the DC Input Unit wires and high-tension equipment or power lines. If this cannot be avoided, use
shielded cables when wiring the DC Input Unit. Be sure to keep the total length of the wires less than 10 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com