Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC201TESS Datasheet(PDF) 287 Page - Microchip Technology

Part # DSPIC33FJ12MC201TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS Datasheet(HTML) 287 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 283Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 284Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 285Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 286Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 287Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 288Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 289Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 290Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 287
dsPIC33FJ12MC201/202
APPENDIX A:
REVISION HISTORY
Revision A (January 2007)
This is the initial released version of this document.
Revision B (May 2007)
This revision includes the following corrections and
updates:
• Minor typographical and formatting corrections
throughout the data sheet text.
• New content:
- Addition of bullet item (16-word conversion
result buffer) (see Section 19.1 “Key
Features”
)
• Figure update:
- Oscillator System Diagram (see Figure 7-1)
- WDT Block Diagram (see Figure 20-2)
• Equation update:
- Serial Clock Rate (see Equation 17-1)
• Register updates:
- Clock Divisor Register (see Register 7-2)
- PLL Feedback Divisor Register (see
Register 7-3)
- Peripheral Pin Select Input Registers (see
Register 9-1 through Register 9-13)
- Note 2 in PWM Control Register 1 (see
Register 14-5)
- ADC1 Input Channel 1, 2, 3 Select Register
(see Register 19-4)
- ADC1 Input Channel 0 Select Register (see
Register 19-5)
• Table updates:
- AD1CON3 (see Table 3-15 and Table 3-16)
- RPINR15 (see Table 3-17)
- TRISA (see Table 3-20)
- TRISB (see Table 3-22)
- Reset Flag Bit Operation (see Table 5-1)
- Configuration Bit Values for Clock Operation
(see Table 7-1)
• Operation value update:
- IOLOCK set/clear operation (see
Section 9.4.3.1 “Control Register Lock”
)
• The following tables in Section 23.0 “Electrical
Characteristics”
have been updated with prelim-
inary values:
- Updated Max MIPS for -40°C to +125°C
Temp Range (see Table 23-1)
- Updated parameter DC18 (see Table 23-4)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 23-5)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 23-6)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 23-7)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 23-8)
- Updated parameter DI51, added parameters
DI51a, DI51b, and DI51c (see Table 23-9)
- Added Note 1 (see Table 23-11)
- Updated parameter OS30 (see Table 23-16)
- Updated parameter OS52 (see Table 23-17)
- Updated parameter F20, added Note 2 (see
Table 23-18)
- Updated parameter F21 (see Table 23-19)
- Updated parameter TA15 (see Table 23-22)
- Updated parameter TB15 (see Table 23-23)
- Updated parameter TC15 (see Table 23-24)
- Updated parameter IC15 (see Table 23-26)
- Updated parameters AD05, AD06, AD07,
AD08, AD10, and AD11; added parameters
AD05a and AD06a; added Note 2; modified
ADC Accuracy headings to include
measurement information (see Table 23-38)
- Separated the ADC Module Specifications
table into three tables (see Table 23-38,
Table 23-39, and Table 23-40)
- Updated parameter AD50 (see Table 23-41)
- Updated parameters AD50 and AD57 (see
Table 23-42)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com