Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC201TESS Datasheet(PDF) 292 Page - Microchip Technology

Part # DSPIC33FJ12MC201TESS
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TESS Datasheet(HTML) 292 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TESS Datasheet HTML 288Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 289Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 290Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 291Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 292Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 293Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 294Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 295Page - Microchip Technology DSPIC33FJ12MC201TESS Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 292
© 2007-2011 Microchip Technology Inc.
Section 23.0 “Electrical
Characteristics”
Updated Max MIPS value for -40ºC to +125ºC temperature range in Operating
MIPS vs. Voltage (see Table 23-1).
Added 20-pin SOIC and 28-pin SSOP package information to Thermal
Packaging Characteristics and updated Typical values for all devices
(see Table 23-3).
Removed Typ value for parameter DC12 (see Table 23-4).
Updated Note 2 in Table 23-7: DC Characteristics: Power-Down Current (IPD).
Updated MIPS conditions for parameters DC24c, DC44c, DC72a, DC72f, and
DC72g (see Table 23-5, Table 23-6, and Table 23-8).
Added Note 4 (reference to new table containing digital-only and analog pin
information to I/O Pin Input Specifications (see Table 23-9).
Updated Program Memory parameters (D136a, D136b, D137a, D137b, D138a,
and D138b) and added Note 2 (see Table 23-12).
Updated Max value for Internal RC Accuracy parameter F21 for -40°C
≤TA ≤
+125°C condition and added Note 2 (see Table 23-19).
Removed all values for Reset, Watchdog Timer, Oscillator Start-up Timer, and
Power-up Timer parameter SY20 and updated conditions, which now refers to
Section 20.4 “Watchdog Timer (WDT)”
and LPRC parameter F21
(Table 23-21).
Updated Min value for Input Capture Timing Requirements parameter IC15
(see Table 23-26).
The following changes were made to the ADC Module Specifications
(Table 23-38):
• Updated Min value for ADC Module Specification parameter AD07.
• Updated Typ value for parameter AD08
• Added references to Note 1 for parameters AD12 and AD13
• Removed Note 2.
The following changes were made to the ADC Module Specifications (12-bit
Mode) (Table 23-39):
• Updated Min and Max values for both AD21a parameters (measurements
with internal and external VREF+/VREF-).
• Updated Min, Typ, and Max values for parameter AD24a.
• Updated Max value for parameter AD32a.
• Removed Note 1.
• Removed VREFL from Conditions for parameters AD21a, AD22a, AD23a,
and AD24a (measurements with internal VREF+/VREF-).
The following changes were made to the ADC Module Specifications (10-bit
Mode) (Table 23-40):
• Updated Min and Max values for parameter AD21b (measurements with
external
VREF+/VREF-).
• Removed ± symbol from Min, Typ, and Max values for parameters AD23b
and AD24b (measurements with internal VREF+/VREF-).
• Updated Typ and Max values for parameter AD32b.
• Removed Note 1.
• Removed VREFL from Conditions for parameters AD21a, AD22a, AD23a,
and AD24a (measurements with internal VREF+/VREF-).
Updated Min and Typ values for parameters AD60, AD61, AD62, and AD63 and
removed Note 3 (see Table 23-41 and Table 23-42).
TABLE 25-1:
MAJOR SECTION UPDATES
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com