Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12OSCV2D Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # S12OSCV2D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12OSCV2D Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button S12OSCV2D Datasheet HTML 102Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 103Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 104Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 105Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 106Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 107Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 108Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 109Page - Freescale Semiconductor, Inc S12OSCV2D Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
106
A.5.1.5 Pseudo Stop and Wait Recovery
The recovery from Pseudo STOP and Wait are essentially the same since the oscillator was not stopped in
both modes. The controller can be woken up by internal or external interrupts. After twrs the CPU starts
fetching the interrupt vector.
A.5.2 Oscillator
The device features an internal Colpitts and Pierce oscillator. The selection of Colpitts oscillator or Pierce
oscillator/external clock depends on the XCLKS signal which is sampled during reset. Pierce
oscillator/external clock mode allows the input of a square wave. Before asserting the oscillator to the
internal system clocks the quality of the oscillation is checked for each start from either power-on, STOP
or oscillator fail. tCQOUT specifies the maximum time before switching to the internal self clock mode after
POR or STOP if a proper oscillation is not detected. The quality check also determines the minimum
oscillator start-up time tUPOSC. The device also features a clock monitor. A Clock Monitor Failure is
asserted if the frequency of the incoming clock signal is below the Assert Frequency fCMFA.
Table A-15 Oscillator Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1a
C Crystal oscillator range (Colpitts)
fOSC
0.5
16
MHz
1b
C Crystal oscillator range (Pierce) 1
fOSC
0.5
40
MHz
2
P Startup Current
iOSC
100
µA
3
C Oscillator start-up time (Colpitts)
tUPOSC
82
1003
ms
4
D Clock Quality check time-out
tCQOUT
0.45
2.5
s
5
P Clock Monitor Failure Assert Frequency
fCMFA
50
100
200
KHz
6P External square wave input frequency 4
fEXT
0.5
50
MHz
7
D External square wave pulse width low
tEXTL
9.5
ns
8
D External square wave pulse width high
tEXTH
9.5
ns
9
D External square wave rise time
tEXTR
1ns
10
D External square wave fall time
tEXTF
1ns
11
D Input Capacitance (EXTAL, XTAL pins)
CIN
7pF
12
C
DC Operating Bias in Colpitts Configuration on
EXTAL Pin
VDCBIAS
1.1
V
13
P EXTAL Pin Input High Voltage4
VIH,EXTAL
0.7*VDDPLL
V
T EXTAL Pin Input High Voltage4
VIH,EXTAL
VDDPLL+ 0.3
V
14
P EXTAL Pin Input Low Voltage4
VIL,EXTAL
0.3*VDDPLL
V
T EXTAL Pin Input Low Voltage4
VIL,EXTAL
VDDPLL - 0.3
V
15
C EXTAL Pin Input Hysteresis4
VHYS,EXTAL
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com