Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HSP Datasheet(PDF) 180 Page - Microchip Technology

Part # DSPIC33FJMC204HSP
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSP Datasheet(HTML) 180 Page - Microchip Technology

Back Button DSPIC33FJMC204HSP Datasheet HTML 176Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 177Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 178Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 179Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 180Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 181Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 182Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 183Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 180
© 2007-2012 Microchip Technology Inc.
17.1
SPI Helpful Tips
1.
In Frame mode, if there is a possibility that the
master may not be initialized before the slave:
a) If FRMPOL (SPIxCON2<13>) = 1, use a
pull-down resistor on SSx.
b) If FRMPOL = 0, use a pull-up resistor on
SSx.
2.
In non-framed 3-wire mode, (i.e., not using SSx
from a master):
a) If CKP (SPIxCON1<6>) = 1, always place a
pull-up resistor on SSx.
b) If CKP = 0, always place a pull-down
resistor on SSx.
3.
FRMEN (SPIxCON2<15>) = 1 and SSEN
(SPIxCON1<7>) = 1 are exclusive and invalid.
In Frame mode, SCKx is continuous and the
Frame sync pulse is active on the SSx pin,
which indicates the start of a data frame.
4.
In Master mode only, set the SMP bit
(SPIxCON1<9>) to a ‘1’ for the fastest SPI data
rate possible. The SMP bit can only be set at the
same
time
or
after
the
MSTEN
bit
(SPIxCON1<5>) is set.
5.
To avoid invalid slave read data to the master,
the user’s master software must guarantee
enough time for slave software to fill its write buf-
fer before the user application initiates a master
write/read cycle. It is always advisable to pre-
load the SPIxBUF transmit register in advance
of the next master transaction cycle. SPIxBUF is
transferred to the SPI shift register and is empty
once the data transmission begins.
17.2
SPI Resources
Many useful resources are provided on the main prod-
uct page of the Microchip web site for the devices listed
in this data sheet. This product page, which can be
accessed using this link, contains the latest updates
and additional information.
17.2.1
KEY RESOURCES
• Section 18. “Serial Peripheral Interface (SPI)”
(DS70206)
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All related dsPIC33F/PIC24H Family Reference
Manuals Sections
• Development Tools
Note:
This
insures
that
the
first
frame
transmission after initialization is not
shifted or corrupted.
Note:
This will insure that during power-up and
initialization the master/slave will not lose
sync due to an errant SCK transition that
would cause the slave to accumulate data
shift errors for both transmit and receive
appearing as corrupted data.
Note:
Not all third-party devices support Frame
mode timing. Refer to the SPI electrical
characteristics for details.
Note:
In the event you are not able to access
the product page using the link above,
enter
this
URL
in
your
browser:
http://www.microchip.com/wwwproducts/
Devices.aspx?dDocName=en530334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com