Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-ESSQTP Datasheet(PDF) 306 Page - Microchip Technology

Part # PIC16F883-ESSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSQTP Datasheet(HTML) 306 Page - Microchip Technology

Back Button PIC16F883-ESSQTP Datasheet HTML 302Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 303Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 304Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 305Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 306Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 307Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 308Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 309Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 338 page
background image
PIC16F882/883/884/886/887
DS41291G-page 306
 2006-2012 Microchip Technology Inc.
19.1
Package Marking Information (Continued)
28-Lead QFN (6x6 mm)
Example
XXXXXXXX
XXXXXXXX
YYWWNNN
PIN 1
PIN 1
40-Lead PDIP (600 mil)
Example
XXXXXXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
44-Lead QFN (8x8x0.9 mm)
Example
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
PIN 1
PIN 1
16F886
/ML
1231220
3
e
3
e
PIC16F885
1231220
-I/P
PIC16F887
-I/ML
1231220
3
e
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com