Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F883-ESSQTP Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16F883-ESSQTP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-ESSQTP Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16F883-ESSQTP Datasheet HTML 149Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 150Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 151Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 152Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 153Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 154Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 155Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 156Page - Microchip Technology PIC16F883-ESSQTP Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 153
PIC16F882/883/884/886/887
TABLE 11-6:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE AND TIMER1
TABLE 11-7:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2 CCP1M1 CCP1M0
128
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2 CCP2M1 CCP2M0
129
CCPR1L
Capture/Compare/PWM Register 1 Low Byte (LSB)
130
CCPR1H
Capture/Compare/PWM Register 1 High Byte (MSB)
130
CCPR2L
Capture/Compare/PWM Register 2 Low Byte (LSB)
130
CCPR2H
Capture/Compare/PWM Register 2 High Byte (MSB)
130
CM2CON1 MC1OUT MC2OUT C1RSEL
C2RSEL
—
—T1GSS C2SYNC
96
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
33
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE TMR1IE
34
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
ULPWUIE
—
CCP2IE
35
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
36
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
ULPWUIF
—
CCP2IF
37
T1CON
T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN
T1SYNC
TMR1CS TMR1ON
84
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
81
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
81
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
55
Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the
Capture and Compare.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3 CCP1M2 CCP1M1 CCP1M0
128
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3 CCP2M2 CCP2M1 CCP2M0
129
ECCPAS
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0 PSSAC1 PSSAC0 PSSBD1 PSSBD0
146
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
33
PR2
Timer2 Period Register
87
PSTRCON
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
150
PWM1CON
PRSEN
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
149
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0
88
TMR2
Timer2 Module Register
87
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
50
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
55
TRISD
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
59
Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the
PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com