Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HSS Datasheet(PDF) 212 Page - Microchip Technology

Part # DSPIC33FJMC204HSS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSS Datasheet(HTML) 212 Page - Microchip Technology

Back Button DSPIC33FJMC204HSS Datasheet HTML 208Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 209Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 210Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 211Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 212Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 213Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 214Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 215Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 212
© 2007-2012 Microchip Technology Inc.
TABLE 21-2:
CONFIGURATION BITS DESCRIPTION
Bit Field
Register
RTSP
Effect
Description
BWRP
FBS
Immediate Boot Segment Program Flash Write Protection
1 = Boot segment can be written
0 = Boot segment is write-protected
BSS<2:0>
FBS
Immediate dsPIC33FJ32MC202 and dsPIC33FJ32MC204 Devices Only
Boot Segment Program Flash Code Protection Size
X11 = No Boot program Flash segment
Boot space is 768 Instruction Words (except interrupt vectors)
110 = Standard security; boot program Flash segment ends at 0x0007FE
010 = High security; boot program Flash segment ends at 0x0007FE
Boot space is 3840 Instruction Words (except interrupt vectors)
101 = Standard security; boot program Flash segment, ends at 0x001FFE
001 = High security; boot program Flash segment ends at 0x001FFE
Boot space is 7936 Instruction Words (except interrupt vectors)
100 = Standard security; boot program Flash segment ends at 0x003FFE
000 = High security; boot program Flash segment ends at 0x003FFE
BSS<2:0>
FBS
Immediate dsPIC33FJ16MC304 Device Only
Boot Segment Program Flash Code Protection Size
X11 = No Boot program Flash segment
Boot space is 768 Instruction Words (except interrupt vectors)
110 = Standard security; boot program Flash segment ends at 0x0007FE
010 = High security; boot program Flash segment ends at 0x0007FE
Boot space is 3840 Instruction Words (except interrupt vectors)
101 = Standard security; boot program Flash segment, ends at 0x001FFE
001 = High security; boot program Flash segment ends at 0x001FFE
Boot space is 5376 Instruction Words (except interrupt vectors)
100 = Standard security; boot program Flash segment ends at 0x002BFE
000 = High security; boot program Flash segment ends at 0x002BFE
GSS<1:0>
FGS
Immediate General Segment Code-Protect bit
11 = User program memory is not code-protected
10 = Standard security
0x = High security
GWRP
FGS
Immediate General Segment Write-Protect bit
1 = User program memory is not write-protected
0 = User program memory is write-protected
IESO
FOSCSEL Immediate Two-speed Oscillator Start-up Enable bit
1 = Start-up device with FRC, then automatically switch to the
user-selected oscillator source when ready
0 = Start-up device with user-selected oscillator source
FNOSC<2:0>
FOSCSEL
If clock
switch is
enabled,
RTSP
effect is
on any
device
Reset;
otherwise,
Immediate
Initial Oscillator Source Selection bits
111 = Internal Fast RC (FRC) oscillator with postscaler
110 = Internal Fast RC (FRC) oscillator with divide-by-16
101 = LPRC oscillator
100 = Secondary (LP) oscillator
011 = Primary (XT, HS, EC) oscillator with PLL
010 = Primary (XT, HS, EC) oscillator
001 = Internal Fast RC (FRC) oscillator with PLL
000 = FRC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com