Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HSS Datasheet(PDF) 316 Page - Microchip Technology

Part # DSPIC33FJMC204HSS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSS Datasheet(HTML) 316 Page - Microchip Technology

Back Button DSPIC33FJMC204HSS Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 313Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 314Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 315Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 316Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 317Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 318Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 319Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 316
© 2007-2012 Microchip Technology Inc.
Revision F (November 2009)
The revision includes the following global update:
• Added Note 2 to the shaded table that appears at
the beginning of each chapter. This new note
provides information regarding the availability of
registers and their associated bits
This revision also includes minor typographical and
formatting changes throughout the data sheet text.
All other major changes are referenced by their
respective section in the following table.
Revision G (November 2009)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
All other major changes are referenced by their
respective section in the following table.
TABLE A-4:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit Digital Signal
Controllers”
Added information on high temperature operation (see
“Operating Range:”).
Section 10.0 “I/O Ports”
Changed the reference to digital-only pins to 5V tolerant pins in
the second paragraph of Section 10.2 “Open-Drain
Configuration”.
Section 19.0 “Universal Asynchronous
Receiver Transmitter (UART)”
Updated the two baud rate range features to: 10 Mbps to 38 bps
at 40 MIPS.
Section 20.0 “10-bit/12-bit Analog-to-Digital
Converter (ADC)”
Updated the ADC1 block diagrams (see Figure 20-1 and
Figure 20-2).
Section 21.0 “Special Features”
Updated the second paragraph and removed the fourth
paragraph in Section 21.1 “Configuration Bits”.
Updated the Device Configuration Register Map (see Table 21-1).
Section 24.0 “Electrical Characteristics”
Updated the Absolute Maximum Ratings for high temperature
and added Note 4.
Updated the SPIx Module Slave Mode (CKE = 1) Timing
Characteristics (see Figure 24-17).
Updated the Internal RC Accuracy parameter numbers (see
Table 24-18 and Table 24-19).
Section 25.0 “High Temperature Electrical
Characteristics”
Added new chapter with high temperature specifications.
“Product Identification System”
Added the “H” definition for high temperature.
TABLE A-5:
MAJOR SECTION UPDATES
Section Name
Update Description
Section 25.0 “High Temperature Electrical
Characteristics”
Updated MIPS rating from 16 to 20 for high temperature devices
in “Operating Range:” and in Table 25-1: Operating MIPS vs.
Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com