Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HML Datasheet(PDF) 234 Page - Microchip Technology

Part # DSPIC33FJMC204HML
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HML Datasheet(HTML) 234 Page - Microchip Technology

Back Button DSPIC33FJMC204HML Datasheet HTML 230Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 231Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 232Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 233Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 234Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 235Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 236Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 237Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 234
© 2007-2012 Microchip Technology Inc.
TABLE 24-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter
No.(3)
Typical(2)
Max
Units
Conditions
Operating Current (IDD)(1)
DC20d
20
30
mA
-40°C
3.3V
10 MIPS(3)
DC20a
19
22
mA
+25°C
DC20b
19
25
mA
+85°C
DC20c
19
30
mA
+125°C
DC21d
28
40
mA
-40°C
3.3V
16 MIPS(3)
DC21a
27
30
mA
+25°C
DC21b
27
32
mA
+85°C
DC21c
27
36
mA
+125°C
DC22d
33
50
mA
-40°C
3.3V
20 MIPS(3)
DC22a
33
40
mA
+25°C
DC22b
33
40
mA
+85°C
DC22c
33
50
mA
+125°C
DC23d
44
60
mA
-40°C
3.3V
30 MIPS(3)
DC23a
43
50
mA
+25°C
DC23b
42
55
mA
+85°C
DC23c
41
65
mA
+125°C
DC24d
55
75
mA
-40°C
3.3V
40 MIPS
DC24a
54
65
mA
+25°C
DC24b
52
70
mA
+85°C
DC24c
51
80
mA
+125°C
Note 1: IDD is primarily a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption. The test conditions for all IDD measurements are as follows:
• Oscillator is configured in EC mode with PLL, OSC1 is driven with external square wave from
rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• CPU, SRAM, program memory and data memory are operational
• No peripheral modules are operating; however, every peripheral is being clocked (defined PMDx bits
are set to zero and unimplemented PMDx bits are set to one)
• CPU executing while(1) statement
• JTAG is disabled
2: These parameters are characterized but not tested in manufacturing.
3: Data in “Typ” column is at 3.3V, +25ºC unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com