Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC204HML Datasheet(PDF) 120 Page - Microchip Technology

Part # DSPIC33FJMC204HML
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HML Datasheet(HTML) 120 Page - Microchip Technology

Back Button DSPIC33FJMC204HML Datasheet HTML 116Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 117Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 118Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 119Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 120Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 121Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 122Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 123Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 120
© 2007-2012 Microchip Technology Inc.
TABLE 10-1:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
Input Name
Function Name
Register
Configuration
Bits
External Interrupt 1
INT1
RPINR0
INT1R<4:0>
External Interrupt 2
INT2
RPINR1
INT2R<4:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<4:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<4:0>
Input Capture 1
IC1
RPINR7
IC1R<4:0>
Input Capture 2
IC2
RPINR7
IC2R<4:0>
Input Capture 7
IC7
RPINR10
IC7R<4:0>
Input Capture 8
IC8
RPINR10
IC8R<4:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<4:0>
PWM1 Fault
FLTA1
RPINR12
FLTA1R<4:0>
PWM2 Fault
FLTA2
RPINR13
FLTA2R<4:0>
QEI1 Phase A
QEA
RPINR14
QEA1R<4:0>
QEI1 Phase B
QEB
RPINR14
QEB1R<4:0>
QEI1 Index
INDX
RPINR15
INDX1R<4:0>
UART1 Receive
U1RX
RPINR18
U1RXR<4:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<4:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<4:0>
SPI1 Clock Input
SCK1
RPINR20
SCK1R<4:0>
SPI1 Slave Select Input
SS1
RPINR21
SS1R<4:0>
Note 1: Unless otherwise noted, all inputs use the Schmitt input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com