Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72262G Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST72262G
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72262G Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST72262G Datasheet HTML 128Page - STMicroelectronics ST72262G Datasheet HTML 129Page - STMicroelectronics ST72262G Datasheet HTML 130Page - STMicroelectronics ST72262G Datasheet HTML 131Page - STMicroelectronics ST72262G Datasheet HTML 132Page - STMicroelectronics ST72262G Datasheet HTML 133Page - STMicroelectronics ST72262G Datasheet HTML 134Page - STMicroelectronics ST72262G Datasheet HTML 135Page - STMicroelectronics ST72262G Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
132/172
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 66. Typical IDD in RUN at TA=25°C
Figure 67. Typical IDD in SLOW at TA=25°C
Figure 68. Typical IDD in WAIT at TA=25°C
Figure 69. Typ. IDD in SLOW-WAIT at TA=25°C
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
Fosc=16MHz
Fosc=8MHz
Fosc=4MHz
Fosc=2MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3
3.544.5
5
5.5
66.5
Vdd(V)
Fosc=16MHz
Fosc=8MHz
Fosc=4MHz
Fosc=2MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2.53
3.54
4.55
5.5
6
6.5
Vdd(V)
Fosc=16MHz
Fosc=8MHz
Fosc=4MHz
Fosc=2MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
2.5
3
3.544.5
5
5.5
66.5
Vdd(V)
Fosc=16MHz
Fosc=8MHz
Fosc=4MHz
Fosc=2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com