Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTK40P50P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTK40P50P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK40P50P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTK40P50P Datasheet HTML 1Page - IXYS Corporation IXTK40P50P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 2 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
IXTK40P50P
IXTX40P50P
Fig. 1. Output Characteristics @ TJ = 25ºC
-40
-35
-30
-25
-20
-15
-10
-5
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS - Volts
VGS = -10V
- 7V
- 5V
- 6V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-30
-25
-20
-15
-10
-5
0
VDS - Volts
VGS = -10V
- 5V
- 6V
- 7V
Fig. 3. Output Characteristics @ TJ = 125ºC
-40
-35
-30
-25
-20
-15
-10
-5
0
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
VDS - Volts
VGS = -10V
- 7V
- 6V
- 5V
Fig. 4. RDS(on) Normalized to ID = - 20A Value vs.
Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = -10V
I D = - 40A
I D = - 20A
Fig. 5. RDS(on) Normalized to ID = - 20A Value vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
ID - Amperes
VGS = -10V
TJ = 25ºC
TJ = 125ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com