Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/SP Datasheet(PDF) 369 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/SP Datasheet(HTML) 369 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/SP Datasheet HTML 365Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 366Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 367Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 368Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 369Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 370Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 371Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 372Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 369
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
TABLE 31-5:
DC CHARACTERISTICS: DOZE CURRENT (IDOZE)
TABLE 31-6:
DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
TABLE 31-7:
DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Parameter
No.
Typical(1)
Max
Doze
Ratio
Units
Conditions
HDC72a
39
45
1:2
mA
+140°C
3.3V
20 MIPS
HDC72f
18
25
1:64
mA
HDC72g
18
25
1:128
mA
Note 1:
Parameters with Doze ratios of 1:2 and 1:64 are characterized, but are not tested in manufacturing.
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
VOL
Output Low Voltage
HDO10
I/O ports
—
—
0.4
V
IOL = 1 mA, VDD = 3.3V
HDO16
OSC2/CLKO
—
—
0.4
V
IOL = 1 mA, VDD = 3.3V
VOH
Output High Voltage
HDO20
I/O ports
2.40
—
—
V
IOH = -1 mA, VDD = 3.3V
HDO26
OSC2/CLKO
2.41
—
—
V
IOH = -1 mA, VDD = 3.3V
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +140°C for High Temperature
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
Program Flash Memory
HD130
EP
Cell Endurance
10,000
—
—
E/W
-40
C to +140C(2)
HD134
TRETD
Characteristic Retention
20
—
—
Year
1000 E/W cycles or less and no
other specifications are violated
Note 1:
These parameters are assured by design, but are not characterized or tested in manufacturing.
2:
Programming of the Flash memory is not allowed above 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com