Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/SP Datasheet(PDF) 401 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/SP Datasheet(HTML) 401 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/SP Datasheet HTML 395Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 396Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 397Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 398Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 399Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 400Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 401Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 402Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 403Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 401 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 401
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture:
33
=
16-bit Digital Signal Controller
Flash Memory Family: FJ
=
Flash program memory, 3.3V
Product Group:
GP2
=
General Purpose family
GP3
=
General Purpose family
GP8
=
General Purpose family
Pin Count:
02
=
28-pin
04
=
44-pin
Temperature Range:
I
=
-40
C to+85C (Industrial)
E=
-40
C to+125C (Extended)
H=
-40
C to+140C (High)
Package:
SP
=
Skinny Plastic Dual In-Line - 300 mil body (SPDIP)
SO
=
Plastic Small Outline - Wide - 300 mil body (SOIC)
ML
=
Plastic Quad, No Lead Package - 8x8 mm body (QFN)
MM
=
Plastic Quad, No Lead Package - 6x6x0.9 mm body (QFN-S)
PT
=
Plastic Thin Quad Flatpack - 10x10x1 mm body (TQFP)
Examples:
a) dsPIC33FJ32GP302-E/SP:
General Purpose dsPIC33, 32 KB program
memory, 28-pin, Extended temperature,
SPDIP package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
dsPIC 33 FJ 32 GP3 02 T E / SP - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com