Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/SP Datasheet(PDF) 129 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/SP Datasheet(HTML) 129 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/SP Datasheet HTML 125Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 126Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 127Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 128Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 129Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 130Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 131Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 132Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 129
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
8.0
DIRECT MEMORY ACCESS
(DMA)
Direct Memory Access (DMA) is a very efficient
mechanism of copying data between peripheral SFRs
(e.g., UART Receive register, Input Capture 1 buffer),
and buffers or variables stored in RAM, with minimal
CPU
intervention.
The
DMA
controller
can
automatically copy entire blocks of data without
requiring the user software to read or write the
peripheral Special Function Registers (SFRs) every
time a peripheral interrupt occurs. The DMA controller
uses a dedicated bus for data transfers and therefore,
does not steal cycles from the code execution flow of
the
CPU.
To
exploit
the
DMA
capability,
the
corresponding user buffers or variables must be
located in DMA RAM.
The dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, and dsPIC33FJ128GPX02/X04 peripherals that
can utilize DMA are listed in Table 8-1.
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 38. Direct Memory
Access (DMA) (Part III)” (DS70215) of
the “dsPIC33F/PIC24H Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
TABLE 8-1:
DMA CHANNEL TO PERIPHERAL ASSOCIATIONS
Peripheral to DMA Association
DMAxREQ Register
IRQSEL<6:0> Bits
DMAxPAD Register
Values to Read from
Peripheral
DMAxPAD Register
Values to Write to
Peripheral
INT0 – External Interrupt 0
0000000
——
IC1 – Input Capture 1
0000001
0x0140 (IC1BUF)
—
OC1 – Output Compare 1 Data
0000010
—
0x0182 (OC1R)
OC1 – Output Compare 1 Secondary Data
0000010
—
0x0180 (OC1RS)
IC2 – Input Capture 2
0000101
0x0144 (IC2BUF)
—
OC2 – Output Compare 2 Data
0000110
—
0x0188 (OC2R)
OC2 – Output Compare 2 Secondary Data
0000110
—
0x0186 (OC2RS)
TMR2 – Timer2
0000111
——
TMR3 – Timer3
0001000
——
SPI1 – Transfer Done
0001010
0x0248 (SPI1BUF)
0x0248 (SPI1BUF)
UART1RX – UART1 Receiver
0001011
0x0226 (U1RXREG)
—
UART1TX – UART1 Transmitter
0001100
—
0x0224 (U1TXREG)
ADC1 – ADC1 convert done
0001101
0x0300 (ADC1BUF0)
—
UART2RX – UART2 Receiver
0011110
0x0236 (U2RXREG)
—
UART2TX – UART2 Transmitter
0011111
—
0x0234 (U2TXREG)
SPI2 – Transfer Done
0100001
0x0268 (SPI2BUF)
0x0268 (SPI2BUF)
ECAN1 – RX Data Ready
0100010
0x0440 (C1RXD)
—
PMP – Master Data Transfer
0101101
0x0608 (PMDIN1)
0x0608 (PMDIN1)
ECAN1 – TX Data Request
1000110
—0x0442 (C1TXD)
DCI – Codec Transfer Done
0111100
0x0290 (RXBUF0)
0x0298 (TXBUF0)
DAC1 – Right Data Output
1001110
—
0x03F6 (DAC1RDAT)
DAC2 – Left Data Output
1001111
—
0x03F8 (DAC1LDAT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com