Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/SP Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/SP Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/SP Datasheet HTML 146Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 147Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 148Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 149Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 150Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 151Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 152Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 153Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 150
Preliminary
 2009 Microchip Technology Inc.
REGISTER 9-5:
ACLKCON: AUXILIARY CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
SELACLK
AOSCMD<1:0>
APSTSCLR<2:0>
bit 15
bit 8
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
ASRCSEL
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
SELACLK: Select Auxiliary Clock Source for Auxiliary Clock Divider
1
= Auxiliary Oscillators provides the source clock for Auxiliary Clock Divider
0
= PLL output (Fvco) provides the source clock for the Auxiliary Clock Divider
bit 12-11
AOSCMD<1:0>: Auxiliary Oscillator Mode
11
= EC External Clock Mode Select
10
= XT Oscillator Mode Select
01
= HS Oscillator Mode Select
00
= Auxiliary Oscillator Disabled
bit 10-8
APSTSCLR<2:0>: Auxiliary Clock Output Divider
111
= divided by 1
110
= divided by 2
101
= divided by 4
100
= divided by 8
011
= divided by 16
010
= divided by 32
001
= divided by 64
000
= divided by 256 (default)
bit 7
ASRCSEL: Select Reference Clock Source for Auxiliary Clock
1
= Primary Oscillator is the Clock Source
0
= Auxiliary Oscillator is the Clock Source
bit 6-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com