Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/SP Datasheet(PDF) 189 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/SP Datasheet(HTML) 189 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/SP Datasheet HTML 185Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 186Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 187Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 188Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 189Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 190Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 191Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 192Page - Microchip Technology DSPIC33FJ32GP202TH/SP Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 189
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
13.0
TIMER2/3 AND TIMER4/5
FEATURE
Timer2 and Timer4 are Type B timers with the following
specific features:
• A Type B timer can be concatenated with a Type
C timer to form a 32-bit timer
• The external clock input (TxCK) is always
synchronized to the internal device clock and the
clock synchronization is performed after the
prescaler.
A block diagram of the Type B timer is shown in
Figure 13-1.
Timer3 and Timer5 are Type C timers with the following
specific features:
• A Type C timer can be concatenated with a Type
B timer to form a 32-bit timer
• At least one Type C timer has the ability to trigger
an A/D conversion.
• The external clock input (TxCK) is always syn-
chronized to the internal device clock and the
clock synchronization is performed before the
prescaler
A block diagram of the Type C timer is shown in
Figure 13-2.
FIGURE 13-1:
TYPE B TIMER BLOCK DIAGRAM (x = 2 or 4)
FIGURE 13-2:
TYPE C TIMER BLOCK DIAGRAM (x = 3 or 5)
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 11. Timers” (DS70205)
of the “dsPIC33F/PIC24H Family Refer-
ence Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
Prescaler
(/n)
TGATE
TCS
00
10
x1
TMRx
Comparator
PRx
TGATE
Set TxIF flag
0
1
Sync
TCKPS<1:0>
Equal
Reset
TxCK
Gate
Sync
FCY
Falling Edge
Detect
Prescaler
(/n)
TCKPS<1:0>
Prescaler
(/n)
Gate
Sync
TGATE
TCS
00
10
x1
TMRx
Comparator
PRx
FCY
TGATE
Falling Edge
Detect
Set TxIF flag
0
1
Sync
TCKPS<1:0>
Equal
Reset
TxCK
ADC SOC Trigger
Prescaler
(/n)
TCKPS<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com