Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 226 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 226 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 222Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 223Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 224Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 225Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 226Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 227Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 228Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 229Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 226
Preliminary
 2009 Microchip Technology Inc.
REGISTER 19-3:
CiVEC: ECAN™ INTERRUPT CODE REGISTER
U-0
U-0
U-0
R-0
R-0
R-0
R-0
R-0
—
—
—FILHIT<4:0>
bit 15
bit 8
U-0
R-1
R-0
R-0
R-0
R-0
R-0
R-0
—
ICODE<6:0>
bit 7
bit 0
Legend:
C = Writable bit, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12-8
FILHIT<4:0>: Filter Hit Number bits
10000-11111
= Reserved
01111
= Filter 15
•
•
•
00001
= Filter 1
00000
= Filter 0
bit 7
Unimplemented: Read as ‘0’
bit 6-0
ICODE<6:0>: Interrupt Flag Code bits
1000101-1111111
= Reserved
1000100
= FIFO almost full interrupt
1000011
= Receiver overflow interrupt
1000010
= Wake-up interrupt
1000001
= Error interrupt
1000000
= No interrupt
•
•
•
0010000-0111111
= Reserved
0001111
= RB15 buffer Interrupt
•
•
•
0001001
= RB9 buffer interrupt
0001000
= RB8 buffer interrupt
0000111
= TRB7 buffer interrupt
0000110
= TRB6 buffer interrupt
0000101
= TRB5 buffer interrupt
0000100
= TRB4 buffer interrupt
0000011
= TRB3 buffer interrupt
0000010
= TRB2 buffer interrupt
0000001
= TRB1 buffer interrupt
0000000
= TRB0 Buffer interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com