Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 277 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 277 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 273Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 274Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 275Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 276Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 277Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 278Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 279Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 280Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 277
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
24.0
REAL-TIME CLOCK AND
CALENDAR (RTCC)
This chapter discusses the Real-Time Clock and
Calendar
(RTCC)
module,
available
on
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
devices,
and
its
operation. The following are some of the key
features of this module:
• Time: hours, minutes, and seconds
• 24-hour format (military time)
• Calendar: weekday, date, month and year
• Alarm configurable
• Year range: 2000 to 2099
• Leap year correction
• BCD format for compact firmware
• Optimized for low-power operation
• User calibration with auto-adjust
• Calibration range: ±2.64 seconds error per month
• Requirements: External 32.768 kHz clock crystal
• Alarm pulse or seconds clock output on RTCC pin
The RTCC module is intended for applications where
accurate time must be maintained for extended periods
of time with minimum to no intervention from the CPU.
The RTCC module is optimized for low-power usage to
provide extended battery lifetime while keeping track of
time.
The RTCC module is a 100-year clock and calendar
with automatic leap year detection. The range of the
clock is from 00:00:00 (midnight) on January 1, 2000 to
23:59:59 on December 31, 2099.
The hours are available in 24-hour (military time)
format. The clock provides a granularity of one second
with half-second visibility to the user.
FIGURE 24-1:
RTCC BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 37. Real-Time Clock
and
Calendar
(RTCC)”
of
the
“dsPIC33F/PIC24H
Family
Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
RTCC Prescalers
RTCC Timer
Comparator
Compare Registers
Repeat Counter
with Masks
RTCC Interrupt Logic
RCFGCAL
ALCFGRPT
Alarm
Event
32.768 kHz Input
from SOSC Oscillator
0.5s
RTCC Clock Domain
Alarm Pulse
RTCC Interrupt
CPU Clock Domain
RTCVAL
ALRMVAL
RTCC Pin
RTCOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com