Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 294 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 294 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 290Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 291Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 292Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 293Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 294Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 295Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 296Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 297Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 294
Preliminary
 2009 Microchip Technology Inc.
REGISTER 26-2:
PMMODE: PARALLEL PORT MODE REGISTER
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BUSY
IRQM<1:0>
INCM<1:0>
MODE16
MODE<1:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WAITB<1:0>(1)
WAITM<3:0>
WAITE<1:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
BUSY: Busy bit (Master mode only)
1
= Port is busy (not useful when the processor stall is active)
0
= Port is not busy
bit 14-13
IRQM<1:0>: Interrupt Request Mode bits
11
= Interrupt generated when Read Buffer 3 is read or Write Buffer 3 is written (Buffered PSP mode)
or on a read or write operation when PMA<1:0> = 11 (Addressable PSP mode only)
10
= No interrupt generated, processor stall activated
01
= Interrupt generated at the end of the read/write cycle
00
= No interrupt generated
bit 12-11
INCM<1:0>: Increment Mode bits
11
= PSP read and write buffers auto-increment (Legacy PSP mode only)
10
= Decrement ADDR<10:0> by 1 every read/write cycle
01
= Increment ADDR<10:0> by 1 every read/write cycle
00
= No increment or decrement of address
bit 10
MODE16: 8-Bit/16-Bit Mode bit
1
= 16-bit mode: data register is 16 bits, a read or write to the data register invokes two 8-bit transfers
0
= 8-bit mode: data register is 8 bits, a read or write to the data register invokes one 8-bit transfer
bit 9-8
MODE<1:0>: Parallel Port Mode Select bits
11
= Master mode 1 (PMCS1, PMRD/PMWR, PMENB, PMBE, PMA<x:0> and PMD<7:0>)
10
= Master mode 2 (PMCS1, PMRD, PMWR, PMBE, PMA<x:0> and PMD<7:0>)
01
= Enhanced PSP, control signals (PMRD, PMWR, PMCS1, PMD<7:0> and PMA<1:0>)
00
= Legacy Parallel Slave Port, control signals (PMRD, PMWR, PMCS1 and PMD<7:0>)
bit 7-6
WAITB<1:0>: Data Setup to Read/Write Wait State Configuration bits(1)
11
= Data wait of 4 TCY; multiplexed address phase of 4 TCY
10
= Data wait of 3 TCY; multiplexed address phase of 3 TCY
01
= Data wait of 2 TCY; multiplexed address phase of 2 TCY
00
= Data wait of 1 TCY; multiplexed address phase of 1 TCY
bit 5-2
WAITM<3:0>: Read to Byte Enable Strobe Wait State Configuration bits
1111
= Wait of additional 15 TCY
•
•
•
0001
= Wait of additional 1 TCY
0000
= No additional wait cycles (operation forced into one TCY)
bit 1-0
WAITE<1:0>: Data Hold After Strobe Wait State Configuration bits(1)
11
= Wait of 4 TCY
10
= Wait of 3 TCY
01
= Wait of 2 TCY
00
= Wait of 1 TCY
Note 1: WAITB and WAITE bits are ignored whenever WAITM3:WAITM0 = 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com