Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 305 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 305 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 301Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 302Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 303Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 304Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 305Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 306Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 307Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 308Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 309Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 305
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
27.5
JTAG Interface
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and dsPIC33FJ128GPX02/X04 devices implement a
JTAG interface, which supports boundary scan device
testing, as well as in-circuit programming. Detailed
information on this interface is provided in future
revisions of the document.
27.6
In-Circuit Serial Programming
The dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, and dsPIC33FJ128GPX02/X04 devices can be
serially programmed while in the end application circuit.
This is done with two lines for clock and data and three
other lines for power, ground and the programming
sequence. Serial programming allows customers to
manufacture boards with unprogrammed devices and
then program the digital signal controller just before
shipping the product. Serial programming also allows
the most recent firmware or a custom firmware to be
programmed. Refer to the “dsPIC33F/PIC24H Flash
Programming Specification” (DS70152) for details
about In-Circuit Serial Programming (ICSP).
Any of the three pairs of programming clock/data pins
can be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
27.7
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the in-
circuit debugging functionality is enabled. This function
allows simple debugging functions when used with
MPLAB IDE. Debugging functionality is controlled
through the PGECx (Emulation/Debug Clock) and
PGEDx (Emulation/Debug Data) pin functions.
Any of the three pairs of debugging clock/data pins can
be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
To use the in-circuit debugger function of the device,
the design must implement ICSP connections to
MCLR, VDD, VSS, PGC, PGD and the PGECx and
PGEDx pin pairs. In addition, when the feature is
enabled, some of the resources are not available for
general use. These resources include the first 80 bytes
of data RAM and two I/O pins.
27.8
Code Protection and
CodeGuard™ Security
The
dsPIC33FJ64GPX02/X04
and
dsPIC33FJ128GPX02/X04 devices offer advanced
implementation of CodeGuard Security that supports
BS, SS and GS while, the dsPIC33FJ32GP302/304
devices offer the intermediate level of CodeGuard
Security that supports only BS and GS. CodeGuard
Security enables multiple parties to securely share
resources (memory, interrupts and peripherals) on a
single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries,
CodeGuard Security can be used to securely update
Flash even when multiple IPs reside on the single chip.
The code protection features vary depending on the
actual dsPIC33F implemented. The following sections
provide an overview of these features.
Secure segment and RAM protection is implemented
on
the
dsPIC33FJ64GPX02/X04
and
dsPIC33FJ128GPX02/X04
devices.
The
dsPIC33FJ32GP302/304 devices
do not support
secure segment and RAM protection.
Note:
Refer to Section 24. “Programming and
Diagnostics”
(DS70207)
of
the
“dsPIC33F/PIC24H
Family
Reference
Manual” for further information on usage,
configuration and operation of the JTAG
interface.
Note:
Refer to Section 23. “CodeGuard™
Security” (DS70199) of the “dsPIC33F/
PIC24H Family Reference Manual” for
further
information
on
usage,
configuration and operation of CodeGuard
Security.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com