Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 321 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 321 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 317Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 318Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 319Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 320Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 321Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 322Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 323Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 324Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 321
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
30.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, and dsPIC33FJ128GPX02/
X04 electrical characteristics. Additional information is provided in future revisions of this document as it becomes avail-
able.
Absolute maximum ratings for the dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, and dsPIC33FJ128GPX02/X04
family are listed below. Exposure to these maximum rating conditions for extended periods can affect device reliability.
Functional operation of the device at these or any other conditions above the parameters indicated in the operation list-
ings of this specification is not implied.
Absolute Maximum Ratings(1)
Ambient temperature under bias............................................................................................................ .-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any pin that is not 5V tolerant with respect to VSS(4) .................................................... -0.3V to (VDD + 0.3V)
Voltage on any 5V tolerant pin with respect to VSS when VDD
 3.0V(4) .................................................. -0.3V to +5.6V
Voltage on any 5V tolerant pin with respect to Vss when VDD < 3.0V(4)......................................... -0.3V to (VDD + 0.3V)
Voltage on VCAP/VDDCORE with respect to VSS ....................................................................................... 2.25V to 2.75V
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin(2)........................................................................................................................... 250 mA
Maximum output current sunk by any I/O pin(3) ........................................................................................................ 4 mA
Maximum output current sourced by any I/O pin(3)................................................................................................... 4 mA
Maximum current sunk by all ports ....................................................................................................................... 200 mA
Maximum current sourced by all ports(2)............................................................................................................... 200 mA
Note 1: Stresses above those listed under “Absolute Maximum Ratings” can cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods can affect device reliability.
2: Maximum allowable current is a function of device maximum power dissipation (see Table 30-2).
3: Exceptions are CLKOUT, which is able to sink/source 25 mA, and the VREF+, VREF-, SCLx, SDAx, PGECx
and PGEDx pins, which are able to sink/source 12 mA.
4: See the “Pin Diagrams” section for 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com