Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 389 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 389 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 385Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 386Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 387Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 388Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 389Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 390Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 391Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 392Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 393Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 389
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
Section 10.0 “Power-Saving
Features”
Added the following registers:
• PMD1: Peripheral Module Disable Control Register 1 (Register 10-1)
• PMD2: Peripheral Module Disable Control Register 2 (Register 10-2)
• PMD3: Peripheral Module Disable Control Register 3 (Register 10-3)
Section 11.0 “I/O Ports”
Removed Table 11-1 and added reference to pin diagrams for I/O pin
availability and functionality.
Added paragraph on ADPCFG register default values to Section 11.3
“Configuring Analog Port Pins”.
Added Note box regarding PPS functionality with input mapping to
Section 11.6.2.1 “Input Mapping”.
Section 16.0 “Serial Peripheral
Interface (SPI)”
Added Note 2 and 3 to the SPIxCON1 register (see Register 16-2).
Section 18.0 “Universal
Asynchronous Receiver Transmitter
(UART)”
Updated the Notes in the UxMode register (see Register 18-1).
Updated the UTXINV bit settings in the UxSTA register and added Note 1
(see Register 18-2).
Section 19.0 “Enhanced CAN
(ECAN™) Module”
Changed bit 11 in the ECAN Control Register 1 (CiCTRL1) to Reserved (see
Register 19-1).
Section 21.0 “10-Bit/12-Bit Analog-
to-Digital Converter (ADC)”
Replaced the ADC1 Module Block Diagrams with new diagrams (see
Figure 21-1 and Figure 21-2).
Updated bit values for ADCS<7:0> and added Notes 1 and 2 to the ADC1
Control Register 3 (AD1CON3) (see Register 21-3).
Added Note 2 to the ADC1 Input Scan Select Register Low (AD1CSSL) (see
Register 21-7).
Added Note 2 to the ADC1 Port Configuration Register Low (AD1PCFGL)
(see Register 21-8).
Section 22.0 “Audio Digital-to-
Analog Converter (DAC)”
Updated the midpoint voltage in the last sentence of the first paragraph.
Updated the voltage swing values in the last sentence of the last paragraph
in Section 22.3 “DAC Output Format”.
Section 23.0 “Comparator Module”
Updated the Comparator Voltage Reference Block Diagram
(see Figure 23-2).
Section 24.0 “Real-Time Clock and
Calendar (RTCC)”
Updated the minimum positive adjust value for CAL<7:0> in the RTCC
Calibration and Configuration (RCFGCAL) Register (see Register 24-1).
Section 27.0 “Special Features”
Added Note 1 to the Device Configuration Register Map (see Table 27-1).
Updated Note 1 in the dsPIC33F Configuration Bits Description (see
Table 27-2).
TABLE A-2:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com