Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 131 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 131 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 127Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 128Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 129Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 130Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 131Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 132Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 133Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 134Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 131
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
8.1
DMAC Registers
Each DMAC Channel x (x = 0, 1, 2, 3, 4, 5, 6 or 7)
contains the following registers:
• A 16-bit DMA Channel Control register
(DMAxCON)
• A 16-bit DMA Channel IRQ Select register
(DMAxREQ)
• A 16-bit DMA RAM Primary Start Address register
(DMAxSTA)
• A 16-bit DMA RAM Secondary Start Address
register (DMAxSTB)
• A 16-bit DMA Peripheral Address register
(DMAxPAD)
• A 10-bit DMA Transfer Count register (DMAxCNT)
An additional pair of status registers, DMACS0 and
DMACS1, are common to all DMAC channels.
DMACS0 contains the DMA RAM and SFR write colli-
sion flags, XWCOLx and PWCOLx, respectively.
DMACS1 indicates DMA channel and Ping-Pong mode
status.
The
DMAxCON,
DMAxREQ,
DMAxPAD
and
DMAxCNT are all conventional read/write registers.
Reads of DMAxSTA or DMAxSTB reads the contents
of the DMA RAM Address register. Writes to DMAx-
STA or DMAxSTB write to the registers. This allows
the user to determine the DMA buffer pointer value
(address) at any time.
The interrupt flags (DMAxIF) are located in an IFSx
register in the interrupt controller. The corresponding
interrupt enable control bits (DMAxIE) are located in
an IECx register in the interrupt controller, and the cor-
responding interrupt priority control bits (DMAxIP) are
located in an IPCx register in the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com