Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 141 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 141 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 137Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 138Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 139Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 140Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 141Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 142Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 143Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 144Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 141
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
9.0
OSCILLATOR CONFIGURATION
The dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, and dsPIC33FJ128GPX02/X04 oscillator system
provides:
• External and internal oscillator options as clock
sources
• An on-chip Phase-Locked Loop (PLL) to scale the
internal operating frequency to the required sys-
tem clock frequency
• An internal FRC oscillator that can also be used
with the PLL, thereby allowing full-speed
operation without any external clock generation
hardware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• A Clock Control register (OSCCON)
• Non-volatile Configuration bits for main oscillator
selection
• An auxiliary crystal oscillator for Audio DAC
A simplified diagram of the oscillator system is shown
in Figure 9-1.
FIGURE 9-1:
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/
X04 OSCILLATOR SYSTEM DIAGRAM
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 39. Oscillator (Part
III)” (DS70216) of the “dsPIC33F/PIC24H
Family Reference Manual”, which is avail-
able
from
the
Microchip
website
(www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
Secondary Oscillator
LPOSCEN
SOSCO
SOSCI
Timer1
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
WDT, PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0> FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL
FCY
FOSC
Note
1:
See Figure 9-2 for PLL details.
2:
If the Oscillator is used with XT or HS modes, an extended parallel resistor with the value of 1 M
 must be connected.
÷N
ACLK
POSCCLK
Auxiliary Oscillator
SELACK
APSTSCLR<2:0>
DAC
FVCO(1)
AOSCCLK
AOSCMD<1:0>
ASRCSEL
FVCO(1)
POSCCLK
OSC2
OSC1
Primary Oscillator
R(2)
POSCMD<1:0>
FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com