Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # LM741
Description  Single Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM741 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button LM741 Datasheet HTML 2Page - Fairchild Semiconductor LM741 Datasheet HTML 3Page - Fairchild Semiconductor LM741 Datasheet HTML 4Page - Fairchild Semiconductor LM741 Datasheet HTML 5Page - Fairchild Semiconductor LM741 Datasheet HTML 6Page - Fairchild Semiconductor LM741 Datasheet HTML 7Page - Fairchild Semiconductor LM741 Datasheet HTML 8Page - Fairchild Semiconductor LM741 Datasheet HTML 9Page - Fairchild Semiconductor LM741 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LM741
8
Mechanical Dimensions
Package
6.40
±0.20
3.30
±0.30
0.130
±0.012
3.40
±0.20
0.134
±0.008
#1
#4
#5
#8
0.252
±0.008
5.08
0.200
0.33
0.013
7.62
0~15°
0.300
MAX
MIN
0.25
+0.10
–0.05
0.010
+0.004
–0.002
8-DIP


Similar Part No. - LM741

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
logo
Fairchild Semiconductor
LM741 FAIRCHILD-LM741 Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
LM741 INTERSIL-LM741 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
LM741 HARRIS-LM741 Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Fairchild Semiconductor
LM741 FAIRCHILD-LM741 Datasheet
183Kb / 10P
Single Operational Amplifier
More results

Similar Description - LM741

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com