Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NE555
Description  Single Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NE555 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NE555 Datasheet HTML 1Page - Fairchild Semiconductor NE555 Datasheet HTML 2Page - Fairchild Semiconductor NE555 Datasheet HTML 3Page - Fairchild Semiconductor NE555 Datasheet HTML 4Page - Fairchild Semiconductor NE555 Datasheet HTML 5Page - Fairchild Semiconductor NE555 Datasheet HTML 6Page - Fairchild Semiconductor NE555 Datasheet HTML 7Page - Fairchild Semiconductor NE555 Datasheet HTML 8Page - Fairchild Semiconductor NE555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
www.fairchildsemi.com
www.fairchildsemi.com
www.fairchildsemi.com
Rev. 1.0.3
Features
Features
Features
Features
• High Current Drive Capability (200mA)
• Adjustable Duty Cycle
• Temperature Stability of 0.005%/
°C
• Timing From
µSec to Hours
• Turn off Time Less Than 2
µSec
Applications
Applications
Applications
Applications
• Precision Timing
• Pulse Generation
• Time Delay Generation
• Sequential Timing
Description
Description
Description
Description
The LM555/NE555/SA555 is a highly stable controller
capable of
producing
accurate timing pulses. With a
monostable operation, the time delay is controlled by one
external resistor and one capacitor. With an astable
operation, the frequency and duty cycle are accurately
controlled by two external resistors and one capacitor.
8-DIP
8-DIP
8-DIP
8-DIP
8-SOP
8-SOP
8-SOP
8-SOP
1
1
Internal Block Diagram
Internal Block Diagram
Internal Block Diagram
Internal Block Diagram
F/F
F/F
F/F
F/F
OutPut
OutPut
OutPut
OutPut
Stage
Stage
Stage
Stage
1
1
1
1
7
7
7
7
5
5
5
5
2
2
2
2
3
3
3
3
4
4
4
4
6
6
6
6
8
8
8
8
R
R
R
RR
R
R
RR
R
R
R
Comp.
Comp.
Comp.
Comp.
Comp.
Comp.
Comp.
Comp.
Discharging Tr.
Discharging Tr.
Discharging Tr.
Discharging Tr.
Vref
Vref
Vref
Vref
Vcc
Vcc
Vcc
Vcc
Discharge
Discharge
Discharge
Discharge
Threshold
Threshold
Threshold
Threshold
Control
Control
Control
Control
Voltage
Voltage
Voltage
Voltage
GND
GND
GND
GND
Trigger
Trigger
Trigger
Trigger
Output
Output
Output
Output
Reset
Reset
Reset
Reset
LM555/NE555/SA555
Single Timer


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Harris Corporation
NE555 HARRIS-NE555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
NEC
NE555 NEC-NE555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NE555 TI-NE555 Datasheet
405Kb / 24P
PRECISION TIMERS
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
Single Timer
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
C555 UTC-C555 Datasheet
167Kb / 4P
SINGLE TIMER
logo
Fairchild Semiconductor
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com