Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C4 Datasheet(PDF) 112 Page - Altera Corporation

Part # PLL2_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C4 Datasheet(HTML) 112 Page - Altera Corporation

Back Button PLL2_C4 Datasheet HTML 108Page - Altera Corporation PLL2_C4 Datasheet HTML 109Page - Altera Corporation PLL2_C4 Datasheet HTML 110Page - Altera Corporation PLL2_C4 Datasheet HTML 111Page - Altera Corporation PLL2_C4 Datasheet HTML 112Page - Altera Corporation PLL2_C4 Datasheet HTML 113Page - Altera Corporation PLL2_C4 Datasheet HTML 114Page - Altera Corporation PLL2_C4 Datasheet HTML 115Page - Altera Corporation PLL2_C4 Datasheet HTML 116Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 274 page
background image
6–14
Chapter 6: I/O Features in the Cyclone III Device Family
Termination Scheme for I/O Standards
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Voltage-Referenced I/O Standard Termination
Voltage-referenced I/O standards require an input reference voltage (VREF) and a
termination voltage (VTT). The reference voltage of the receiving device tracks the
termination voltage of the transmitting device, as shown in Figure 6–6 and Figure 6–7.
Figure 6–6. Cyclone III Device Family HSTL I/O Standard Termination
HSTL Class I
HSTL Class II
External
On-Board
Termination
OCT with
and without
Calibration
VTT
50
50
VTT
50
VTT
50
Transmitter
Transmitter
Receiver
Receiver
VTT
50
Transmitter
Receiver
VTT
50
VTT
50
Transmitter
Receiver
Cyclone III Device
Family Series OCT
50
Cyclone III Device
Family Series OCT
25
VREF
VREF
VREF
VREF
Termination
50
50
50
Figure 6–7. Cyclone III Device Family SSTL I/O Standard Termination
SSTL Class I
SSTL Class II
External
On-Board
Termination
OCT with
and without
Calibration
VTT
50
25
VTT
50
25
VTT
50
Transmitter
Transmitter
Receiver
Receiver
VTT
50
50
Transmitter
Receiver
Cyclone III Device
Family Series OCT
50
VTT
50
25
50
VTT
50
Transmitter
Receiver
Cyclone III Device
Family Series OCT
VREF
VREF
VREF
VREF
Termination
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com