Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C4 Datasheet(PDF) 119 Page - Altera Corporation

Part # PLL2_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C4 Datasheet(HTML) 119 Page - Altera Corporation

Back Button PLL2_C4 Datasheet HTML 115Page - Altera Corporation PLL2_C4 Datasheet HTML 116Page - Altera Corporation PLL2_C4 Datasheet HTML 117Page - Altera Corporation PLL2_C4 Datasheet HTML 118Page - Altera Corporation PLL2_C4 Datasheet HTML 119Page - Altera Corporation PLL2_C4 Datasheet HTML 120Page - Altera Corporation PLL2_C4 Datasheet HTML 121Page - Altera Corporation PLL2_C4 Datasheet HTML 122Page - Altera Corporation PLL2_C4 Datasheet HTML 123Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–21
Pad Placement and DC Guidelines
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Pad Placement and DC Guidelines
Pad Placement
Altera recommends that you create a Quartus II design, enter your device I/O
assignments, and compile your design to validate your pin placement. The Quartus II
software checks your pin connections with respect to the I/O assignment and
placement rules to ensure proper device operation. These rules are dependent on
device density, package, I/O assignments, voltage assignments, and other factors that
are not fully described in this chapter.
f For more information about how the Quartus II software checks I/O restrictions, refer
to the I/O Management chapter in volume 2 of the Quartus II Handbook.
DC Guidelines
For the Quartus II software to automatically check for illegally placed pads according
to the DC guidelines, set the DC current sink or source value to Electromigration
Current
assignment on each of the output pins that are connected to the external
resistive load.
The programmable current strength setting has an impact on the amount of DC
current that an output pin can source or sink. Determine if the current strength setting
is sufficient for the external resistive load condition on the output pin.
Document Revision History
Table 6–7 lists the revision history for this document.
Table 6–7. Document Revision History (Part 1 of 3)
Date
Version
Changes
July 2012
3.4
Updated OCT with or without calibration note in “Slew Rate Control” section,
December 2011
3.3
■ Updated Table 6–1 and Table 6–4.
■ Updated “Programmable Pull-Up Resistor” on page 6–5, “OCT Support” on page 6–7,
and “I/O Standards” on page 6–11.
■ Updated hyperlinks.
■ Minor text edits.
December 2009
3.2
Minor changes to the text.
July 2009
3.1
Made minor correction to the part number.
June 2009
3.0
Updated to include Cyclone III LS information
■ Updated chapter part number.
■ Updated “Introduction” on page 6–1, “PCI-Clamp Diode” on page 6–6, “On-Chip Series
Termination Without Calibration” on page 6–10, “I/O Standards” on page 6–11, “I/O
Banks” on page 6–16, “High-Speed Differential Interfaces” on page 6–20, and “External
Memory Interfacing” on page 6–20.
■ Updated Table 6–6 on page 6–18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com