Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C4 Datasheet(PDF) 168 Page - Altera Corporation

Part # PLL2_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C4 Datasheet(HTML) 168 Page - Altera Corporation

Back Button PLL2_C4 Datasheet HTML 164Page - Altera Corporation PLL2_C4 Datasheet HTML 165Page - Altera Corporation PLL2_C4 Datasheet HTML 166Page - Altera Corporation PLL2_C4 Datasheet HTML 167Page - Altera Corporation PLL2_C4 Datasheet HTML 168Page - Altera Corporation PLL2_C4 Datasheet HTML 169Page - Altera Corporation PLL2_C4 Datasheet HTML 170Page - Altera Corporation PLL2_C4 Datasheet HTML 171Page - Altera Corporation PLL2_C4 Datasheet HTML 172Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 274 page
background image
9–10
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Initialization
In Cyclone III device family, the clock source for initialization is either a 10-MHz
(typical) internal oscillator (separate from the AS internal oscillator) or an optional
CLKUSR
pin. By default, the internal oscillator is the clock source for initialization. If
you use the internal oscillator, the device provides itself with enough clock cycles for a
proper initialization. When using the internal oscillator, you do not need to send
additional clock cycles from an external source to the CLKUSR pin during the
initialization stage. Additionally, you can use the CLKUSR pin as a user I/O pin.
You also have the flexibility to synchronize initialization of multiple devices or to
delay initialization with the CLKUSR option. The CLKUSR pin allows you to control
when your device enters user mode for an indefinite amount of time. You can turn on
the Enable user-supplied start-up clock (CLKUSR) option in the Quartus II software
from the General tab of the Device and Pin Options dialog box. When you turn on
the Enable user supplied start-up clock option (CLKUSR) option, the CLKUSR pin is
the initialization clock source. Supplying a clock on the CLKUSR pin does not affect the
configuration process. After the configuration data is accepted and CONF_DONE goes
high, the Cyclone III device family requires a certain amount of clock cycles to
initialize and to enter user mode.
Table 9–5 lists the required clock cycles for proper initialization in Cyclone III device
family.
Table 9–6 lists the maximum CLKUSR frequency (fMAX) for Cyclone III device family.
1 If you use the optional CLKUSR pin and the nCONFIG pin is pulled low to restart
configuration during device initialization, ensure that the CLKUSR pin continues to
toggle when nSTATUS is low (a maximum of 230 s).
User Mode
An optional INIT_DONE pin is available that signals the end of initialization and the
start of user mode with a low-to-high transition. The Enable INIT_DONE Output
option is available in the Quartus II software from the General tab of the Device and
Pin Options
dialog box. If you use the INIT_DONE pin, it is high due to an external
10-k pull-up resistor when nCONFIG is low and during the beginning of
configuration. After the option bit to enable INIT_DONE is programmed into the device
Table 9–5. Initialization Clock Cycles Required in Cyclone III Device Family
Device
Initialization Clock Cycles
Cyclone III
3,185
Cyclone III LS
3,192
Table 9–6. Maximum CLKUSR Frequency for Cyclone III Device Family
Device
fMAX (MHz)
Cyclone III
133
Cyclone III LS
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com