Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87XATI/ML Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC16F87XATI/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87XATI/ML Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC16F87XATI/ML Datasheet HTML 147Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 148Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 149Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 150Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 151Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 152Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 153Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 154Page - Microchip Technology PIC16F87XATI/ML Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 234 page
background image
 2001-2013 Microchip Technology Inc.
DS39582C-page 151
PIC16F87XA
FIGURE 14-6:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD VIA RC NETWORK)
TRISD
73A
74A
76A
77A
1111 1111
1111 1111
uuuu uuuu
TRISE
73A
74A
76A
77A
0000 -111
0000 -111
uuuu -uuu
PIE1
73A
74A
76A
77A
r000 0000
r000 0000
ruuu uuuu
73A
74A
76A
77A
0000 0000
0000 0000
uuuu uuuu
PIE2
73A
74A
76A
77A
-0-0 0--0
-0-0 0--0
-u-u u--u
PCON
73A
74A
76A
77A
---- --qq
---- --uu
---- --uu
SSPCON2
73A
74A
76A
77A
0000 0000
0000 0000
uuuu uuuu
PR2
73A
74A
76A
77A
1111 1111
1111 1111
1111 1111
SSPADD
73A
74A
76A
77A
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
73A
74A
76A
77A
--00 0000
--00 0000
--uu uuuu
TXSTA
73A
74A
76A
77A
0000 -010
0000 -010
uuuu -uuu
SPBRG
73A
74A
76A
77A
0000 0000
0000 0000
uuuu uuuu
CMCON
73A
974
76A
77A
0000 0111
0000 0111
uuuu uuuu
CVRCON
73A
74A
76A
77A
000- 0000
000- 0000
uuu- uuuu
ADRESL
73A
74A
76A
77A
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
73A
74A
76A
77A
00-- 0000
00-- 0000
uu-- uuuu
EEDATA
73A
74A
76A
77A
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADR
73A
74A
76A
77A
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEDATH
73A
74A
76A
77A
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADRH
73A
74A
76A
77A
xxxx xxxx
uuuu uuuu
uuuu uuuu
EECON1
73A
74A
76A
77A
x--- x000
u--- u000
u--- uuuu
EECON2
73A
74A
76A
77A
---- ----
---- ----
---- ----
TABLE 14-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition,
r
= reserved, maintain clear. Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3:
See Table 14-5 for Reset value for specific condition.
TPWRT
TOST
VDD
MCLR
Internal POR
PWRT Time-out
OST Time-out
Internal Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com