Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 153Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 154Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 155Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 156Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 157Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 158Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 159Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 160Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 155
PIC18F1220/1320
17.0
10-BIT ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-to-Digital (A/D) converter module has
seven inputs for the PIC18F1220/1320 devices. This
module allows conversion of an analog input signal to
a corresponding 10-bit digital number.
A new feature for the A/D converter is the addition of
programmable acquisition time. This feature allows the
user to select a new channel for conversion and to set
the GO/DONE bit immediately. When the GO/DONE bit
is set, the selected channel is sampled for the pro-
grammed acquisition time before a conversion is actu-
ally started. This removes the firmware overhead that
may have been required to allow for an acquisition
(sampling) period (see Register 17-3 and Section 17.3
“Selecting and Configuring Automatic Acquisition
Time”).
The module has five registers:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
• A/D Control Register 2 (ADCON2)
The ADCON0 register, shown in
Register 17-1,
controls the operation of the A/D module. The
ADCON1 register, shown in Register 17-2, configures
the functions of the port pins. The ADCON2 register,
shown in Register 17-3, configures the A/D clock
source, programmed acquisition time and justification.
REGISTER 17-1:
ADCON0: A/D CONTROL REGISTER 0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VCFG1
VCFG0
—
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
bit 7-6
VCFG<1:0>: Voltage Reference Configuration bits
bit 5
Unimplemented: Read as ‘0’
bit 4-2
CHS2:CHS0: Analog Channel Select bits
000
= Channel 0 (AN0)
001
= Channel 1 (AN1)
010
= Channel 2 (AN2)
011
= Channel 3 (AN3)
100
= Channel 4 (AN4)
101
= Channel 5 (AN5)
110
= Channel 6 (AN6)
111
= Unimplemented(1)
bit 1
GO/DONE: A/D Conversion Status bit
When ADON = 1:
1
= A/D conversion in progress
0
= A/D Idle
bit 0
ADON: A/D On bit
1
= A/D converter module is enabled
0
= A/D converter module is disabled
Note 1: Performing a conversion on unimplemented channels returns full-scale results.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
A/D VREF+A/D VREF-
00
AVDD
AVSS
01
External VREF+AVSS
10
AVDD
External VREF-
11
External VREF+
External VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com