Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220E/SSSQTP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC18F1220E/SSSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/SSSQTP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC18F1220E/SSSQTP Datasheet HTML 160Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 161Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 162Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 163Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 164Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 165Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 166Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 167Page - Microchip Technology PIC18F1220E/SSSQTP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 308 page
background image
PIC18F1220/1320
DS39605F-page 162
© 2007 Microchip Technology Inc.
17.5
Operation in Low-Power Modes
The selection of the automatic acquisition time and the
A/D conversion clock is determined, in part, by the low-
power mode clock source and frequency while in a
low-power mode.
If the A/D is expected to operate while the device is
in a low-power mode, the ACQT2:ACQT0 and
ADCS2:ADCS0 bits in ADCON2 should be updated in
accordance with the low-power mode clock that will be
used. After the low-power mode is entered (either of
the Run modes), an A/D acquisition or conversion may
be started. Once an acquisition or conversion is
started, the device should continue to be clocked by the
same low-power mode clock source until the conver-
sion has been completed. If desired, the device may be
placed into the corresponding low-power (ANY)_IDLE
mode during the conversion.
If the low-power mode clock frequency is less than
1 MHz, the A/D RC clock source should be selected.
Operation in the Low-Power Sleep mode requires the
A/D RC clock to be selected. If bits, ACQT2:ACQT0, are
set to ‘000’ and a conversion is started, the conversion
will be delayed one instruction cycle to allow execution
of the SLEEP instruction and entry to Low-Power Sleep
mode. The IDLEN and SCS bits in the OSCCON register
must have already been cleared prior to starting the
conversion.
17.6
Configuring Analog Port Pins
The ADCON1, TRISA and TRISB registers all configure
the A/D port pins. The port pins needed as analog inputs
must have their corresponding TRIS bits set (input). If
the TRIS bit is cleared (output), the digital output level
(VOH or VOL) will be converted.
The A/D operation is independent of the state of the
CHS2:CHS0 bits and the TRIS bits.
Note 1: When reading the Port register, all pins
configured as analog input channels will
read as cleared (a low level). Pins con-
figured as digital inputs will convert an
analog input. Analog levels on a digitally
configured
input
will
be
accurately
converted.
2: Analog levels on any pin defined as a
digital input may cause the digital input
buffer to consume current out of the
device’s specification limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com